Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD690-C350 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LD690-C350
Description  Lasing Mode Structure: multi mode Peck Wavelength : typ. 690nm Optical Ouput Power: 350 mW, CW Package: 9.0 mm, flat window
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LD690-C350 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LD690-C350 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LD690-C350 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13.09.2011
LD690-C350
2 of 2
Package Dimensons
5.6 mm Package (Unit:mm)
Safety of Laser light
• Laser Light can damage the human eyes and skin. Do not expose the
eye or skin directly to any laser light and/or through optical lens. When
handling the LDs, wear appropriate safety glasses to prevent laser
light, even any reflections from entering to the eye. Focused laser
beam through optical instruments will increase the chance of eye
hazard.
Cautions
1. Operating methode
• This LD shall change its forward voltage requirement and optical ouput power according to
temperature change. Also, the LD will require more operation current to maintain same ouput
power as it degrades. In order to maintain output power, use of APC (Automatic Power
Control) is recommended. Which use monitor feedback to adjust the operation current.
• Confirm that electrical spike current generated by switching on and off does not exceed the
maximum operating current level specified herein above as absolute maximum rating. Also,
employ appropriat countermeasures to reduce chattering and/or overshooting in the circuit.
2. Static Electricity
• Static electricity or electrical surges will reduce and degrade the reliability of the LDs. It is
recommended to use a wrist trap or anti-electrostatic glove when handeling the product.
3. Absolute Maximum Rating
• Active layer of LDs shall have high current density and generate high electric field during its
operation. In order to prevent excessive damage, the LD must be operated striclty below
absolute maximum rating.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com