Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC000044 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # SC000044
Description  MotionGrade M23 and M40 Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SC000044 Datasheet(HTML) 5 Page - Amphenol Corporation

  SC000044 Datasheet HTML 1Page - Amphenol Corporation SC000044 Datasheet HTML 2Page - Amphenol Corporation SC000044 Datasheet HTML 3Page - Amphenol Corporation SC000044 Datasheet HTML 4Page - Amphenol Corporation SC000044 Datasheet HTML 5Page - Amphenol Corporation SC000044 Datasheet HTML 6Page - Amphenol Corporation SC000044 Datasheet HTML 7Page - Amphenol Corporation SC000044 Datasheet HTML 8Page - Amphenol Corporation SC000044 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4
www.sineco.com
M23 and M40
Connectors & Cables
12pos E Type (CW)
16pos E Type (CW)
17pos E Type (CW)
12pos P Type (CCW)
16pos P Type (CCW)
17pos P Type (CCW)
11
10
9
8
7
6
5
4
3
2
12
16
15
14
13
17
E
1
2
3
4
5
6
7
8 9
10
11
12
E
1
1
E
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
P
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
9
12
11
10
P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
P
1
TYPE
12E
12P
16E
16P
17E
17P
P/N
MA1LAE1200
MA1LAP1200
MA1LAE1600
MA1LAP1600
MA1LAE1700
MA1LAP1700
TYPE
12E
12P
16E
16P
17E
17P
P/N
MA1RAE1201
MA1RAP1201
MA1RAP1601
MA1RAP1601
MA1RAE1701
MA1RAP1701
TYPE
12E
12P
16E
16P
17E
17P
P/N
MA1JAE1200
MA1JAP1200
MA1JAE1600
MA1JAP1600
MA1JAE1700
MA1JAP1700
M23 Signal Solutions - A Series
Plugs (Less contacts)
Straight Receptacles (Less contacts)
Rotatable 90° Plugs (Less contacts)
M23 A Series (Face view: CW - clockwise, CCW - counter clockwise)
Rotatable 90° Receptacles (Less contacts)
Extensions (Less contacts)
TYPE
12E
12P
16E
16P
17E
17P
P/N
MA1CAE1200
MA1CAP1200
MA1CAE1600
MA1CAP1600
MA1CAE1700
MA1CAP1700
PART NUMBER
PART NUMBER
SC000035
SC000013
SC000044
CONTACT SIZE
CONTACT SIZE
1.0mm
1.0mm
1.0mm
TYPE
TYPE
Machined
RockSolid™
Slit Machined
CRIMP BARREL (MAX)
CRIMP BARREL (MAX)
1.0mm2 (18 GA)
1.0mm2 (18 GA)
1.0mm2 (18 GA)
EXTRACTION TOOL
EXTRACTION TOOL
50-54931-1
50-54931-1
50-54931-1
28.2mm
41.5 mm
25.2 mm
52 mm
19.8 mm
19.8 mm
20 mm
M2.5 mm
26mm
27.9mm
Ø25.2mm
Pins
41.5 mm
25.2 mm
52 mm
19.8 mm
19.8 mm
20 mm
M2.5 mm
26mm
TYPE
12E
12P
16E
16P
17E
17P
P/N
MA1EAE1200
MA1EAP1200
MA1EAE1600
MA1EAP1600
MA1EAE1700
MA1EAP1700
53.9mm
15mm
30.5mm
25.8mm
41.5 mm
25.2 mm
52 mm
19.8 mm
19.8 mm
20 mm
M2.5 mm
26mm
27.5mm
25.6mm
25.6mm
Mounting
Holes
Mounting
Holes
• Plugs, Receptacles & Extensions accept Pins or Sockets
• For information on RockSolid™, please refer to page 2
Sockets
Contact Size Legend
2.0mm
1.0mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com