Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA1JAP1700 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # MA1JAP1700
Description  MotionGrade M23 and M40 Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MA1JAP1700 Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button MA1JAP1700 Datasheet HTML 3Page - Amphenol Corporation MA1JAP1700 Datasheet HTML 4Page - Amphenol Corporation MA1JAP1700 Datasheet HTML 5Page - Amphenol Corporation MA1JAP1700 Datasheet HTML 6Page - Amphenol Corporation MA1JAP1700 Datasheet HTML 7Page - Amphenol Corporation MA1JAP1700 Datasheet HTML 8Page - Amphenol Corporation MA1JAP1700 Datasheet HTML 9Page - Amphenol Corporation MA1JAP1700 Datasheet HTML 10Page - Amphenol Corporation MA1JAP1700 Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
6
www.sineco.com
M23 and M40
Connectors & Cables
TYPE
6pos
8pos
P/N
MC1LKN0600
MC1LKN0800
M40 Power Solutions - C Series
TYPE
6pos
8pos
P/N
MC1CJN0600
MC1CJN0800
TYPE
6pos
8pos
P/N
MC1JJN0600
MC1JJN0800
TYPE
6pos
8pos
P/N
MC1NJN0600
MC1NJN0800
42mm
Ø45mm
30mm
30mm
Ø32mm
M4mm
Ø45mm
42mm
Ø45mm
30mm
30mm
Ø32mm
M4mm
Ø45mm
Mounting
Holes
Mounting
Holes
• Plugs accept Sockets only
• Receptacles & Extensions accept Pins only
PART NUMBER
PART NUMBER
SC000040
SC000041
SC000014
SC000045
SC000039
SC000046
CONTACT SIZE
CONTACT SIZE
2.0mm
3.6mm
2.0mm
2.0mm
3.6mm
3.6mm
TYPE
TYPE
Machined
Machined
RockSolid™
Slit Machined
RockSolid™
Slit Machined
CRIMP BARREL (MAX)
CRIMP BARREL (MAX)
2.5mm2
(14 GA)
10.0mm2
(8 GA)
2.5mm2
(14 GA)
2.5mm2
(14 GA)
10.0mm2
(8 GA)
10.0mm2
(8 GA)
EXTRACTION TOOL
EXTRACTION TOOL
50-54931-2
50-54931-3
50-54931-2
50-54931-2
50-54931-3
50-54931-3
Pins
Sockets
[+] Longer contact life
[+] Lower contact resistence
[+] Immunity to shock and vibration
[+] Low insertion and extraction forces
[+] Contact area extends 360° around pins
Plugs (Less contacts)
2
W
-
+
U
1
V
W
-
+
U
Straight Receptacles (Less contacts)
Fixed 90° Receptacles (Less contacts)
Extensions (Less contacts)
M40 C Series (Face view of socket insert)
6pos
8pos
51.7mm
Ø45.5mm
62mm
Ø45mm
M4mm
30mm
30mm
Ø32mm
101mm
32.5mm
45mm
55mm
M4mm
30mm
30mm
Ø32mm
101mm
32.5mm
45mm
55mm
Contact Size Legend
2.0mm
3.6mm
2
W
-
+
U
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com