Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3100A18-3SW Datasheet(PDF) 52 Page - Amphenol Corporation

Part # CS3100A18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100A18-3SW Datasheet(HTML) 52 Page - Amphenol Corporation

Back Button CS3100A18-3SW Datasheet HTML 48Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 49Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 50Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 51Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 52Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 53Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 54Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 55Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 56Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
51
Thermocouple
contact arrangements
Shell
Size
and Arrg.
Similar
to
MS Arrg.
Total
Contacts
Contact
Size
Pin
Insert
Rotation
C W
Contact Material
12
16
14S-74
14S-2
4
4
None
A, B = Ch.; C, D = Al.
14S-75
14S-2
4
4
None
A, B = Cu.; C, D = Con.
14S-76
14S-2
4
4
None
A, C = Al.; B, D = Ch.
14S-77
14S-2
4
4
None
A, D = Al.; B, C = Ch.
14S-78
14S-9
2
2
None
A = Ch.; B = Al.
16S-52
16S-4
2
2
None
A = Ch.; B = Al.
16S-54
16S-1
7
7
None
A = Al.; B = Ch.; Balance = Cu.
16S-55
16S-1
7
7
None
A = Con.; Balance = Cu.
16-52
16-11
2
2
90°
A = Al.; B = Ch.
16-53
16-9
4
2
2
70°
A = Al.; C = Ch.; B, D = Cu.
16-55
16-10
3
3
45°
A = Al.; B = Ch.; C = Cu.
16-56
16-13
2
2
90°
A = Con.; B = Cu.
16-57
16-10
3
3
None
A = Al.; B = Cu.; C = Ch.
16-58
16-10
3
3
None
A = Con.; B, C = Cu.
16-60
16-13
2
2
None
A = Al.; B = Ch.
16-62
16-11
2
2
None
A = Con.; B = Cu.
18-51
18-12
6
6
None
A = Ir.; B, E = Con.; D = Cu.; C, F = Dummy
18-52
18-11
5
5
None
A = Ir.; B = Con.; C = Ch.; D = Al.; E = Dummy
18-53
18-12
6
6
None
A, D = Ir.; B, E = Con.; C, F = Dummy
18-54
18-15
4
4
None
A, C = Al.; B, D = Ch.
18-56
18-1
10
10
45°
A, C, E, G, I = Ir.; B, D, F, H, J = Con.
18-57
18-12
6
6
45°
A, C, E = Al.; B, D, F = Ch.
18-59
18-12
6
6
45°
A, C = Ir.; B, E, F = Con.; D = Cu.
18-60
18-11
5
5
45°
A, D = Al.; B, C, = Ch.; E = Cu.
18-61
18-12
6
6
None
A, C = Ir.; B, D = Con.; E = Ch.; F = Al.
18-62
18-12
6
6
None
A, B, C = Ir.; D, E, F = Con.
18-63
18-15
4
4
None
A, C = Con.; B, D = Cu.
18-65
18-12
6
6
None
A = Ir.; B = Con.; Balance = Cu.
18-66
18-1
10
10
None
A, C, E, G, I = Cu.; B, D, F, H, J = Con.
18-67
18-12
6
6
None
A, C, E = Cu.; B, D, F = Con.
18-68
18-11
5
5
None
A, D = Al.; B, C = Ch.; E = Cu.
18-69
18-1
10
10
None
A = Al.; B = Ch.; Balance = Cu.
18-70
18-11
5
5
None
A = Ir.; B = Con.; C = Ch.; D = Al.; E = Cu.
18-71
18-15
4
4
None
A = Con.; Balance = Cu.
18-72
18-15
4
4
None
D = Con.; Balance = Cu.
18-73
18-9
7
2
5
None
A = Al.; D = Ch.; Balance = Cu.
18-74
18-12
6
6
None
A = Ch.; B = Al.; D = Ir.; E = Cu.; C, F = Con.
20-52
20-4
4
4
315°
A = Ir.; B = Con.; C = Ch.; D = Al.
20-56
20-7
8
8
45°
A, B, G, H = Ir.; C, D, E, F = Con.
20-60
20-7
8
8
45°
D = Ch.; E = Al.; Balance = Cu.
20-61
20-29
17
17
45°
A, B, M = Cu.; Balance = Con.
20-62
20-15
7
7
80°
A, C, E = Al.; B, D, F = Ch.; G = Cu.
20-64
20-27
14
14
None
A = Al.; C = Ch.; Balance = Cu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com