| Electronic Components Datasheet Search |
|
CS3101A18-3SW Datasheet(PDF) 72 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3101A18-3SW Datasheet(HTML) 72 Page - Amphenol Corporation |
|
72 / 73 page ![]() 71 Amphenol®/Matrix® MS/Standard MIL-C-5015 Connectors with Crimp Rear Release Contacts MS/Standard MIL-DTL-5015* Connectors with Crimp Rear Release Contacts Amphenol broadens their MS/Standard family of connectors with the addition of the Matrix® MIL-DTL-5015 crimp rear release series. This series bridges the gap between the old connector standard and the envi- ronmental and high performance needs of current technologies. Design characteristics of the Amphenol/Matrix 5015 series include: • MS345( ) series intermateable with existing MIL-DTL-5015 solder or crimp versions on existing equipment • Captive coupling nut mechanism, utilizes retaining rings in combina- tion with “L” washers to prevent inadvertent disassembly • Multiple interlock systems ensure permanent insert retention • Positive control of dielectric separation with guaranteed ease of contact insertion • Positive contact retention provided by a closely toleranced damage- proof metal retention clip • Completely sealed against environmental extremes with individual contact seals, interfacial seals between contacts, peripheral gasket shell-to-shell seals and rear wire seals Customer Options • Seven mounting styles, in shell sizes 8 to 48 (consult Amphenol for availability of shell sizes 44 and 48) • Threaded coupling or self-locking plug (MS3459) with an internal racheting mechanism to prevent unmating due to vibration and shock, eliminating the need for safety wiring • Proprietary quick disconnect plug, with or without lanyard available • Classes include aluminum or stainless steel shells, or firewall capability • MS and Proprietary versions available • Some styles are supplied to McDonnell Douglas Specification BAN 7025, DC60 Series • Accommodation of contact sizes 0 to 16 • Over 100 insert arrangement patterns available, accommodating from 1 to a maximum of 85 circuits • Alternate positioning available; thermocouple contacts available Ask for Amphenol catalog 12-026 for detailed information. MIL-5015 Modifications In order to supplement standard MS shell styles and provide a greater variety of styles for the electrical connector user, there are several MS and MS Modified cylindrical connectors offered by Amphenol. These types include flange mount plugs, thru bulkhead receptacles, jam nut receptacles, connectors for potting and connectors designed specif- ically to terminate jacketed cable. Ask for Amphenol catalog 12-021 for detailed information. 97 Series, MIL-5015 Type Connectors The low cost, general duty connector used extensively in the machine tool industry, welding industry and numerous other industrial applica- tions, is the Amphenol® 97 Series. Offered in non-environmental styles, these connectors have hard dielectric inserts and threaded coupling. They are Underwriters Laboratories Recognized and Canadian Stan- dards Association Certified. Ask for Amphenol catalog 12-022 for detailed information. Pre-Earth FMLB Connectors Designed for applications where a protective circuit from the ground con- tact to the shell is a safety requirement, Pre-earth connectors use MIL- 5015 type shells, inserts and arrangements. They have first mate, last break capability; when mated this feature protects operators and sensi- tive circuits. Ask for Product Data Sheet PDS 187 for detailed information. Additional MS/Standard Connectors offered by Amphenol 97 Series, MIL-C-5015 Type Connectors * Note: MIL-DTL-5015 supercedes MIL-C- 5015 for all Amphenol/Matrix rear release crimp type connectors. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |