Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3100C18-3SW Datasheet(PDF) 54 Page - Amphenol Corporation

Part # CS3100C18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3SW Datasheet(HTML) 54 Page - Amphenol Corporation

Back Button CS3100C18-3SW Datasheet HTML 50Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 51Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 52Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 53Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 54Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 55Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 56Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 57Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 58Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
53
Thermocouple
contact arrangements
* Amphenol arrangement
Shell Size
and Arrg.
Similar to
MS Arrg.
Total
Contacts
Contact
Size
Pin Insert
Rotation
C W
Contact Material
12
16
28-69
28-11
22
4
18
None
G = Al.; R = Ch.; Balance = Cu.
28-70
28-11
22
4
18
None
A = Al.; B = Ch.; Balance = Cu.
28-77
28-11
22
4
18
None
J = Con.; Balance = Cu.
28-81
28-21
37
37
None
A, D, S, Z, n, s = Ir.; B, J, K, f, g, r = Con.; G, L, P, b, e, j = Al.; F, H, T, X, h, k =
Ch.; Balance = Cu.
32-51
32-8
30
6
24
90°
M = Ch.; N = Al.; Balance = Cu.
32-55
32-8
30
6
24
125°
M, N = Ch.; O, P = Al.; Balance = Cu.
36-53
36-7
47
7
40
45°
u, v, w = Al.; x, y, z = Ch.; Balance = Cu.
36-56
36-10
48
48
None
A, C, E, G, L, J, H, P, R, T, V, X Z, b, d, f, h, k, q, n, m, u, w, y = Con.;
Balance = Cu.
36-57
36-8
47
1
46
None
W = Al.; f = Ch. Balance = Cu.
36-58
36-15
35
35
None
H = Al.; G = Ch.; Balance = Cu.
36-61
36-15
35
35
None
A, C, E, J, K, L, M, N, P, R, T, V, f, X, Y, h, j, c = Con.; Balance = Cu.
36-62
36-10
48
48
None
A, C, E, = Al.; B, D, F = Ch.; Balance = Cu.
36-82
36-52*
52
52
None
v, g = Ir.; p, y, c = Con. x = Ch.; Balance = Cu.
40-58
40-56*
85
85
None
A, C, E, H, K, M, P, S, U, W, Y, a, c, f, h, j, m, p, r, t, v, x, z, AB, AD, AF, AJ, AL,
AN, AP, AS, AU, AW, AY, BA, BC, BE, BH, BK, BM, BP, BS, BU = Ir.; Balance
= Con.
40-59
40-56*
85
85
None
B = Ch.; C = Con.; Balance = Cu.
40-77
40-53*
60
60
None
55, 60 = Ir.; 57, 58, 59 = Con.; 56 = Ch.; Balance = Cu.
40-78
40-53*
60
60
None
50, 51 = Ir.; 27, 28, 29, 31, 32, 34, 36, 37 = Con.; 25, 39, 40, 41 = Al.;
43, 44, 45, 46, 47, 48, 49, 52, 53, 54 = Ch.; Balance = Cu.
44-57
44-52
104
104
None
A, C, E, G, J, L, etc. = Cu.; B, D, F, H, K, M, etc. = Con.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com