Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012 Datasheet(PDF) 46 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 46 Page - TDK Electronics

Back Button C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X5R (-55 to +85ºC, ±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4V
4.7 F
2012
0.60 ± 0.15
± 10%
C2012X5R1A475K060AB
± 20%
C2012X5R1A475M060AB
0.85 ± 0.15
± 10%
C2012X5R1A475K085AC
C2012X5R0J475K085AB
± 20%
C2012X5R1A475M085AC
C2012X5R0J475M085AB
1.25 ± 0.20
± 10%
C2012X5R1A475K125AA
C2012X5R0J475K125AA
± 20%
C2012X5R1A475M125AA
C2012X5R0J475M125AA
6.8 F
1608
0.80 ± 0.10
± 10%
C1608X5R1A685K080AC
C1608X5R0J685K080AB
± 20%
C1608X5R1A685M080AC
C1608X5R0J685M080AB
2012
0.60 ± 0.15
± 10%
C2012X5R1A685K060AC
± 20%
C2012X5R1A685M060AC
0.85 ± 0.15
± 10%
C2012X5R1A685K085AB
C2012X5R0J685K085AB
± 20%
C2012X5R1A685M085AB
C2012X5R0J685M085AB
1.25 ± 0.20
± 10%
C2012X5R1A685K125AB
C2012X5R0J685K125AB
± 20%
C2012X5R1A685M125AB
C2012X5R0J685M125AB
10 F
1005
0.50 ± 0.20
± 20%
C1005X5R0J106M050BC
C1005X5R0G106M050BB
1608
0.80 ± 0.10
± 10%
C1608X5R1A106K080AC
C1608X5R0J106K080AB
± 20%
C1608X5R1A106M080AC
C1608X5R0J106M080AB
2012
0.85 ± 0.15
± 10%
C2012X5R1A106K085AB
C2012X5R0J106K085AB
± 20%
C2012X5R1A106M085AB
C2012X5R0J106M085AB
1.25 ± 0.20
± 10%
C2012X5R1A106K125AB
C2012X5R0J106K125AB
± 20%
C2012X5R1A106M125AB
C2012X5R0J106M125AB
3216
1.60 ± 0.20
± 10%
C3216X5R1A106K160AB
± 20%
C3216X5R1A106M160AB
15 F
1608
0.80 ± 0.20
± 20%
C1608X5R1A156M080AC
C1608X5R0J156M080AC
C1608X5R0G156M080AA
2012
0.85 ± 0.15
± 20%
C2012X5R1A156M085AC
C2012X5R0J156M085AB
1.25 ± 0.20
± 20%
C2012X5R1A156M125AB
C2012X5R0J156M125AC
3216
1.60 ± 0.20
± 20%
C3216X5R1A156M160AB
3225
2.30 ± 0.20
± 20%
C3225X5R1A156M230AA
22 F
1608
0.80 ± 0.20
± 20%
C1608X5R1A226M080AC
C1608X5R0J226M080AC
C1608X5R0G226M080AA
2012
0.85 ± 0.15
± 20%
C2012X5R1A226M085AC
C2012X5R0J226M085AB
1.25 ± 0.20
± 10%
C2012X5R1A226K125AB
C2012X5R0J226K125AB
± 20%
C2012X5R1A226M125AB
C2012X5R0J226M125AC
3216
0.85 ± 0.15
± 20%
C3216X5R0J226M085AC
1.60 ± 0.20
± 20%
C3216X5R1A226M160AC
C3216X5R0J226M160AA
3225
2.00 ± 0.20
± 10%
C3225X5R0J226K200AA
± 20%
C3225X5R0J226M200AA
2.30 ± 0.20
± 20%
C3225X5R1A226M230AA
4532
2.30 ± 0.20
± 20%
C4532X5R1A226M230KA
33 F
2012
1.25 ± 0.20
± 20%
C2012X5R1A336M125AC
C2012X5R0J336M125AC
3216
1.30 ± 0.10
± 20%
C3216X5R0J336M130AC
1.60 ± 0.20
± 20%
C3216X5R1A336M160AB
3225
2.00 ± 0.20
± 20%
C3225X5R1A336M200AC
C3225X5R0J336M200AA
2.50 ± 0.30
± 20%
C3225X5R0J336M250AA
4532
2.30 ± 0.20
± 20%
C4532X5R1A336M230KA
47 F
2012
1.25 ± 0.20
± 20%
C2012X5R1A476M125AC
C2012X5R0J476M125AC
C2012X5R0G476M125AB
3216
1.60 ± 0.20
± 20%
C3216X5R1A476M160AB
C3216X5R0J476M160AC
3225
2.50 ± 0.30
± 20%
C3225X5R1A476M250AC
C3225X5R0J476M250AA
4532
2.50 ± 0.30
± 20%
C4532X5R0J476M250KA
2.80 ± 0.30
± 20%
C4532X5R1A476M280KA
68 F
3216
1.60 ± 0.20
± 20%
C3216X5R1A686M160AC
C3216X5R0J686M160AB
3225
2.00 ± 0.20
± 20%
C3225X5R0J686M200AC
4532
2.80 ± 0.30
± 20%
C4532X5R0J686M280KA
5750
2.30 ± 0.20
± 20%
C5750X5R1A686M230KA
100 F
3216
1.60 ± 0.20
± 20%
C3216X5R1A107M160AC
C3216X5R0J107M160AB
C3216X5R0G107M160AB
3225
2.50 ± 0.30
± 20%
C3225X5R0J107M250AC
4532
2.80 ± 0.30
± 20%
C4532X5R1A107M280KC
C4532X5R0J107M280KA
5750
2.80 ± 0.30
± 20%
C5750X5R1A107M280KC
C5750X5R0J107M280KA
Page 45
MULTILAYER CERAMIC CHIP CAPACITORS
003-02 / 20130710 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com