Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-683P8 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-683P8
Description  Low Noise And High Linearity Active Bias Low Noise Amplifi er
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-683P8 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-683P8 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-683P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Rating [1] TA=25° C
Symbol
Parameter
Units
Absolute Maximum
Vdd
Device Voltage,
RF output to ground
V
5.5
Idd
Drain Current
mA
90
Pmax
CW RF Input Power
(Vdd = 5.0 V, Id = 54 mA)
dBm
+20
Pdiss
Total Power Dissipation [2]
W
0.495
Tj
Junction Temperature
°C
150
Tstg
Storage Temperature
°C
-65 to 150
Thermal Resistance
Thermal Resistance [3]
(Vdd = 5.0 V, Idd = 40 mA)
jc = 72°C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using Infra-Red
Measurement Technique.
3. Power dissipation with unit turned on. Board
temperature TB is 25° C. Derate at 13.89 mW/°C
for TB > 114° C.
Electrical Specifications [1, 4]
RF performance at TA = 25° C, Vdd = 5 V, Rbias = 12 kOhm, 900 MHz, measured on demo board in Figure 5 with component
list in Table 1 for 900 MHz matching.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Idd
Drain Current
mA
25
40.3
53
Gain
Gain
dB
16.3
17.8
19.3
OIP3 [2]
Output Third Order Intercept Point
dBm
28.5
32.8
NF [3]
Noise Figure
dB
0.56
0.8
OP1dB
Output Power at 1dB Gain Compression
dBm
21.5
IRL
Input Return Loss, 50
 source
dB
24
ORL
Output Return Loss, 50
 load
dB
13
REV ISOL
Reverse Isolation
dB
21
Notes:
1. Measurements at 900 MHz obtained using demo board described in Figure 1.
2. OIP3 test condition: FRF1 = 900 MHz, FRF2 = 901 MHz with input power of -10 dBm per tone.
3. For NF data, board losses of the input have not been de-embedded.
4. Use proper bias, heatsink and derating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and application
note for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com