Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRW2003 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRW2003
Description  MICROWAVE POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRW2003 Datasheet(HTML) 2 Page - Motorola, Inc

  MRW2003 Datasheet HTML 1Page - Motorola, Inc MRW2003 Datasheet HTML 2Page - Motorola, Inc MRW2003 Datasheet HTML 3Page - Motorola, Inc MRW2003 Datasheet HTML 4Page - Motorola, Inc MRW2003 Datasheet HTML 5Page - Motorola, Inc MRW2003 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MRW2001 MRW2003
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (continued)
Emitter–Base Breakdown Voltage
(IE = 0.2 mA, IC = 0)
MRW2001
(IE = 0.25 mA, IC = 0)
MRW2003
V(BR)EBO
3.5
3.5
—
—
—
—
Vdc
Collector Cutoff Current
MRW2001
(VCB = 28 V, IE = 0)
MRW2003
ICBO
—
—
—
—
0.5
0.5
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mA, VCE = 5.0 V)
MRW2001
(IC = 100 mA, VCE = 5.0 V)
MRW2003
hFE
10
10
—
—
120
100
—
DYNAMIC CHARACTERISTICS
Output Capacitance
MRW2001
(VCB = 28 V, IE = 0, f = 1.0 MHz)
MRW2003
Cob
—
—
—
—
4.0
5.0
pF
FUNCTIONAL TESTS
Common–Base Amplifier Power Gain
(VCE = 28 V, Pout = 1.0 W, f = 2.0 GHz)
MRW2001
GPB
9.0
—
—
dB
Common–Base Amplifier Power Gain
(VCE = 28 V, Pout = 3.0 W, f = 2.0 GHz)
MRW2003
GPB
8.0
—
—
dB
Collector Efficiency
(VCE = 28 V, Pout = 1.0 W, f = 2.0 GHz)
MRW2001
(VCE = 28 V, Pout = 3.0 W, f = 2.0 GHz)
MRW2003
η
40
—
—
%
Load Mismatch
(VCE = 28 V, f = 2.0 GHz, Load VSWR = ∞:1, All Phase Angles)
Pout = 1.0 W
MRW2001
Pout = 3.0 W
MRW2003
ψ
No Degradation in Output Power
Saturated Output Power
(VCE = 28 V, f = 2.3 GHz)
MRW2001
(VCE = 28 V, f = 1.5 GHz)
(VCE = 28 V, f = 1.0 GHz)
(VCE = 28 V, f = 2.3 GHz)
MRW2003
(VCE = 28 V, f = 1.5 GHz)
(VCE = 28 V, f = 1.0 GHz)
Psat 1
Psat 2
Psat 3
—
—
—
—
—
—
1.0
1.2
1.3
3.0
3.7
4.0
—
—
—
—
—
—
W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com