Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B64290 Datasheet(PDF) 22 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 22 Page - EPCOS

Back Button B64290 Datasheet HTML 18Page - EPCOS B64290 Datasheet HTML 19Page - EPCOS B64290 Datasheet HTML 20Page - EPCOS B64290 Datasheet HTML 21Page - EPCOS B64290 Datasheet HTML 22Page - EPCOS B64290 Datasheet HTML 23Page - EPCOS B64290 Datasheet HTML 24Page - EPCOS B64290 Datasheet HTML 25Page - EPCOS B64290 Datasheet HTML 26Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
22
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Epoxy coating
R 34.0
 20.5  10.0 (mm)
R 1.339
 0.807  0.394 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 3.4 W/core
■
Epoxy coating
R 34.0
 20.5  12.5 (mm)
R 1.339
 0.807  0.492 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 4.2 W/core
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
34.0
0.7
20.5
0.5
10.0
0.3
1.339
0.028 0.807 0.020 0.394 0.012 uncoated1)
35.5 max.
19.2 min.
11.1 max.
1.398 max.
0.756 min.
0.437 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
2230
25% 2200
B64290L0058X087
1.24
82.06
66.08
5423
27
N30
4360
25% 4300
B64290L0058X830
T65
5100
30% 5000
B64290L0058X065
T37
6100
25% 6000
B64290L0058X037
T38
10100
30% 10000
B64290L0058X038
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
34.0
0.7
20.5
0.5
12.5
0.3
1.339
0.028 0.807 0.020 0.492 0.012 uncoated1)
35.5 max.
19.2 min.
13.6 max.
1.398 max.
0.756 min.
0.535 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
2790
25% 2200
B64290L0048X087
0.99
82.06
82.60
6778
33
N30
5460
25% 4300
B64290L0048X830
T65
6400
30% 5000
B64290L0048X065
T37
7600
25% 6000
B64290L0048X037
T38
12700
30% 10000
B64290L0048X038
B64290L0058
B64290L0048
R 34.0
 20.5  12.5
R 34.0
 20.5  10.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com