Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65803 Datasheet(PDF) 5 Page - EPCOS

Part # B65803
Description  Ferrites and accessories
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65803 Datasheet(HTML) 5 Page - EPCOS

  B65803 Datasheet HTML 1Page - EPCOS B65803 Datasheet HTML 2Page - EPCOS B65803 Datasheet HTML 3Page - EPCOS B65803 Datasheet HTML 4Page - EPCOS B65803 Datasheet HTML 5Page - EPCOS B65803 Datasheet HTML 6Page - EPCOS B65803 Datasheet HTML 7Page - EPCOS B65803 Datasheet HTML 8Page - EPCOS B65803 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
06/13
Please read
Cautions and warnings and
Important notes at the end of this document.
Clamp
With ground terminal, made of stainless spring steel (tinned), 0.3 mm thick
Solderability to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
C, 2 s
Also available as strip clamp on reels on request
Insulating washer for double-clad PCBs
Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120
C), 0.3 mm thick
Makrofol FR7-2, E118859 (M), natural color, BAYER MATERIALSCIENCE AG
Clamp
Insulating washer
Clamping forces for RM 4
Ordering code
Clamp (ordering code per piece, 2 are required)
B65806B2203X000
Insulating washer (bulk)
B65804C2005X000
Fmin: Extension of clamp from a to a2 = Xmin
Fmax: Extension of clamp from a to a1 = Xmax
Clamp opening a (mm)
8.3 +0.15
Core nose Zmax (mm)
0.15
Height of core pair X (mm) Xmin
Xmax
8.75
9.25
Clamping force F (N)
Fmin
Fmax
5
40
B65804, B65806
Accessories
RM 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com