Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC86MX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC86MX
Description  Quad 2-Input Exclusive OR Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC86MX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC86MX Datasheet HTML 1Page - Fairchild Semiconductor MM74HC86MX Datasheet HTML 2Page - Fairchild Semiconductor MM74HC86MX Datasheet HTML 3Page - Fairchild Semiconductor MM74HC86MX Datasheet HTML 4Page - Fairchild Semiconductor MM74HC86MX Datasheet HTML 5Page - Fairchild Semiconductor MM74HC86MX Datasheet HTML 6Page - Fairchild Semiconductor MM74HC86MX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
VCC = 2.0V to 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC
2 f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL, tPLH
Maximum Propagation
12
20
ns
Delay
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH
Maximum Propagation
2.0V
60
120
151
179
ns
Delay
4.5V
12
24
30
36
ns
6.0V
10
20
26
30
ns
tTLH, tTHL
Maximum Output Rise
2.0V
30
75
95
110
ns
and Fall Time
4.5V
8
15
19
22
ns
6.0V
7
13
16
19
ns
CPD
Power Dissipation
(per gate)
25
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com