Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65820 Datasheet(PDF) 3 Page - EPCOS

Part # B65820
Description  Ferrites and accessories
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65820 Datasheet(HTML) 3 Page - EPCOS

  B65820 Datasheet HTML 1Page - EPCOS B65820 Datasheet HTML 2Page - EPCOS B65820 Datasheet HTML 3Page - EPCOS B65820 Datasheet HTML 4Page - EPCOS B65820 Datasheet HTML 5Page - EPCOS B65820 Datasheet HTML 6Page - EPCOS B65820 Datasheet HTML 7Page - EPCOS B65820 Datasheet HTML 8Page - EPCOS B65820 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
To IEC 62317-4
■
Core without center hole
for transformer applications
■
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with
center hole
without
center hole
l/A
le
Ae
Amin
Ve
0.75
29.8
40

1190
0.7
30.4
43
39
1310
mm–1
mm
mm2
mm2
mm3
m
6.5
7.2
g
Material
AL value
nH
s
approx.
mm
e
Ordering code1)
-A with center hole
-N with threaded sleeve
-J without center hole
N41
160
5%
0.30
90
B65819J0160J041
250
5%
0.18
141
B65819J0250J041
N48
250
3%
0.16
148
B65819+0250A048
315
3%
0.12
187
B65819+0315A048
Material
AL value
nH
e
PV
W/set
Ordering code
-J without center hole
N30
5000 +30/–20% 2810
B65819J0000R030
T38
10000 +40/–30% 5630
B65819J0000Y038
N49
1900 +30/–20% 1070
< 0.22 ( 50 mT, 500 kHz, 100
C) B65819J0000R049
N87
2700 +30/–20% 1520
< 0.77 (200 mT, 100 kHz, 100
C) B65819J0000R087
N97
2700 +30/–20% 1520
< 0.58 (200 mT, 100 kHz, 100
C) B65819J0000R097
1) Replace the + by the code letter “A” or “N” for the required version.
B65819
Core
RM 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com