| Electronic Components Datasheet Search |
|
PIC12F508E/ST Datasheet(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F508E/ST Datasheet(HTML) 32 Page - Microchip Technology |
|
32 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 32 © 2009 Microchip Technology Inc. TABLE 5-1: SUMMARY OF PORT REGISTERS Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on Power-On Reset Value on All Other Resets N/A TRISGPIO(1) — — I/O Control Register --11 1111 --11 1111 N/A TRISB(2) — — I/O Control Register --11 1111 --11 1111 N/A TRISC(2) — — I/O Control Register --11 1111 --11 1111 N/A OPTION(1) GPWU GPPU TOCS TOSE PSA PS2 PS1 PS0 1111 1111 1111 1111 N/A OPTION(2) RBWU RBPU TOCS TOSE PSA PS2 PS1 PS0 1111 1111 1111 1111 03h STATUS(1) GPWUF — PAO TO PD Z DC C 0-01 1xxx q00q quuu (3) 03h STATUS(2) RBWUF — PAO TO PD Z DC C 0-01 1xxx q00q quuu(3) 06h GPIO(1) — — GP5 GP4 GP3 GP2 GP1 GP0 --xx xxxx --uu uuuu 06h PORTB(2) — — RB5 RB4 RB3 RB2 RB1 RB0 --xx xxxx --uu uuuu 07h PORTC(2) — — RC5 RC4 RC3 RC2 RC1 RC0 --xx xxxx --uu uuuu Legend: Shaded cells are not used by Port registers, read as ‘0’. – = unimplemented, read as ‘0’, x = unknown, u = unchanged, q = depends on condition. Note 1: PIC12F508/509 only. 2: PIC16F505 only. 3: If Reset was due to wake-up on pin change, then bit 7 = 1. All other Resets will cause bit 7 = 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |