Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F509E/MS Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC12F509E/MS
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F509E/MS Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC12F509E/MS Datasheet HTML 27Page - Microchip Technology PIC12F509E/MS Datasheet HTML 28Page - Microchip Technology PIC12F509E/MS Datasheet HTML 29Page - Microchip Technology PIC12F509E/MS Datasheet HTML 30Page - Microchip Technology PIC12F509E/MS Datasheet HTML 31Page - Microchip Technology PIC12F509E/MS Datasheet HTML 32Page - Microchip Technology PIC12F509E/MS Datasheet HTML 33Page - Microchip Technology PIC12F509E/MS Datasheet HTML 34Page - Microchip Technology PIC12F509E/MS Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 31
PIC12F508/509/16F505
5.0
I/O PORT
As with any other register, the I/O register(s) can be
written and read under program control. However, read
instructions (e.g., MOVF PORTB,W) always read the I/O
pins independent of the pin’s Input/Output modes. On
Reset, all I/O ports are defined as input (inputs are at
high-impedance) since the I/O control registers are all
set.
5.1
PORTB/GPIO
PORTB/GPIO is an 8-bit I/O register. Only the low-
order 6 bits are used (RB/GP<5:0>). Bits 7 and 6 are
unimplemented and read as ‘0’s. Please note that RB3/
GP3 is an input only pin. The Configuration Word can
set several I/O’s to alternate functions. When acting as
alternate functions, the pins will read as ‘0’ during a port
read. Pins RB0/GP0, RB1/GP1, RB3/GP3 and RB4
can be configured with weak pull-ups and also for
wake-up on change. The wake-up on change and weak
pull-up functions are not pin selectable. If RB3/GP3/
MCLR is configured as MCLR, weak pull-up is always
on and wake-up on change for this pin is not enabled.
5.2
PORTC (PIC16F505 Only)
PORTC is an 8-bit I/O register. Only the low-order 6 bits
are used (RC<5:0>). Bits 7 and 6 are unimplemented
and read as ‘0’s.
5.3
TRIS Registers
The Output Driver Control register is loaded with the
contents of the W register by executing the TRIS f
instruction. A ‘1’ from a TRIS register bit puts the corre-
sponding output driver in a High-Impedance mode. A
‘0’ puts the contents of the output data latch on the
selected pins, enabling the output buffer. The excep-
tions are RB3/GP3, which is input only and the T0CKI
pin, which may be controlled by the OPTION register.
See Register 4-3 and Register 4-4.
The TRIS registers are “write-only” and are set (output
drivers disabled) upon Reset.
5.4
I/O Interfacing
The equivalent circuit for an I/O port pin is shown in
Figure 5-2. All port pins, except RB3/GP3 which is
input only, may be used for both input and output oper-
ations. For input operations, these ports are non-latch-
ing. Any input must be present until read by an input
instruction (e.g., MOVF PORTB, W). The outputs are
latched and remain unchanged until the output latch is
rewritten. To use a port pin as output, the correspond-
ing direction control bit in TRIS must be cleared (= 0).
For use as an input, the corresponding TRIS bit must
be set. Any I/O pin (except RB3/GP3) can be
programmed individually as input or output.
FIGURE 5-1:
PIC12F508/509/16F505
EQUIVALENT CIRCUIT
FOR A SINGLE I/O PIN
Note:
On the PIC12F508/509, I/O PORTB is ref-
erenced as GPIO. On the PIC16F505, I/O
PORTB is referenced as PORTB.
Note:
On power-up, TOCKI functionality is
enabled in the OPTION register and must
be disabled to allow RC5 to be used as
general purpose I/O.
Note:
A read of the ports reads the pins, not the
output data latches. That is, if an output
driver on a pin is enabled and driven high,
but the external system is holding it low, a
read of the port will indicate that the pin is
low.
Data
Bus
Q
D
Q
CK
Q
D
Q
CK
P
N
WR
Port
TRIS
‘f’
Data
TRIS
RD Port
VSS
VDD
I/O
pin
W
Reg
Latch
Latch
Reset
Note 1:
See Table 3-3 for buffer type.
VSS
VDD
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com