Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4361T503E/ML Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP4361T503E/ML
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4361T503E/ML Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP4361T503E/ML Datasheet HTML 32Page - Microchip Technology MCP4361T503E/ML Datasheet HTML 33Page - Microchip Technology MCP4361T503E/ML Datasheet HTML 34Page - Microchip Technology MCP4361T503E/ML Datasheet HTML 35Page - Microchip Technology MCP4361T503E/ML Datasheet HTML 36Page - Microchip Technology MCP4361T503E/ML Datasheet HTML 37Page - Microchip Technology MCP4361T503E/ML Datasheet HTML 38Page - Microchip Technology MCP4361T503E/ML Datasheet HTML 39Page - Microchip Technology MCP4361T503E/ML Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
MCP434X/436X
DS22233A-page 36
© 2009 Microchip Technology Inc.
4.2.2.2
Terminal Control (TCON) Registers
There are two Terminal Control (TCON) Registers.
These are called TCON0 and TCON1. Each register
contains 8 control bits. Four bits for each Wiper.
Register 4-2 describes each bit of the TCON0 register,
while Register 4-3 describes each bit of the TCON1
register.
The state of each resistor network terminal connection
is individually controlled. That is, each terminal
connection (A, B and W) can be individually connected/
disconnected from the resistor network. This allows the
system to minimize the currents through the digital
potentiometer.
The value that is written to the specified TCON register
will appear on the appropriate resistor network
terminals when the serial command has completed.
When the WL1 bit is enabled, writes to the TCON0
register bits R1HW, R1A, R1W, and R1B are inhibited.
When the WL0 bit is enabled, writes to the TCON0
register bits R0HW, R0A, R0W, and R0B are inhibited.
When the WL3 bit is enabled, writes to the TCON1
register bits R3HW, R3A, R3W, and R3B are inhibited.
When the WL2 bit is enabled, writes to the TCON1
register bits R2HW, R2A, R2W, and R2B are inhibited.
On a POR/BOR these registers are loaded with
1FFh (9-bits), for all terminals connected. The Host
Controller needs to detect the POR/BOR event and
then update the Volatile TCON register values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com