Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F510I/ST Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC12F510I/ST
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F510I/ST Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC12F510I/ST Datasheet HTML 93Page - Microchip Technology PIC12F510I/ST Datasheet HTML 94Page - Microchip Technology PIC12F510I/ST Datasheet HTML 95Page - Microchip Technology PIC12F510I/ST Datasheet HTML 96Page - Microchip Technology PIC12F510I/ST Datasheet HTML 97Page - Microchip Technology PIC12F510I/ST Datasheet HTML 98Page - Microchip Technology PIC12F510I/ST Datasheet HTML 99Page - Microchip Technology PIC12F510I/ST Datasheet HTML 100Page - Microchip Technology PIC12F510I/ST Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
© 2007 Microchip Technology Inc.
DS41268D-page 95
PIC12F510/16F506
TABLE 13-9:
PULL-UP RESISTOR RANGES
VDD (Volts)
Temperature (
°C)
Min
Typ
Max
Units
RB0 (GP0)/RB1 (GP1)
2.0
-40
73K
105K
186K
Ω
25
73K
113K
187K
Ω
85
82K
123K
190K
Ω
125
86K
132k
190K
Ω
5.5
-40
15K
21K
33K
Ω
25
15K
22K
34K
Ω
85
19K
26k
35K
Ω
125
23K
29K
35K
Ω
RB3 (GP3)
2.0
-40
63K
81K
96K
Ω
25
77K
93K
116K
Ω
85
82K
96k
116K
Ω
125
86K
100K
119K
Ω
5.5
-40
16K
20k
22K
Ω
25
16K
21K
23K
Ω
85
24K
25k
28K
Ω
125
26K
27K
29K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com