Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2702ECB713 Datasheet(PDF) 4 Page - Microchip Technology

Part # C2702ECB713
Description  Voltage Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

C2702ECB713 Datasheet(HTML) 4 Page - Microchip Technology

  C2702ECB713 Datasheet HTML 1Page - Microchip Technology C2702ECB713 Datasheet HTML 2Page - Microchip Technology C2702ECB713 Datasheet HTML 3Page - Microchip Technology C2702ECB713 Datasheet HTML 4Page - Microchip Technology C2702ECB713 Datasheet HTML 5Page - Microchip Technology C2702ECB713 Datasheet HTML 6Page - Microchip Technology C2702ECB713 Datasheet HTML 7Page - Microchip Technology C2702ECB713 Datasheet HTML 8Page - Microchip Technology C2702ECB713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC54
DS21434J-page 4
 2001-2011 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
Digital Output (VOUT)
VOUT goes low when VIN drops below VDET – and
returns high when VIN rises above VDET – + VHYST.
(See Figure 3-1).
2.2
Analog Input (VIN)
VIN can be used for power supply monitoring or a
voltage level that requires monitoring.
2.3
Ground Terminal (VSS)
VSS provides the negative reference for the analog
input voltage. Typically, the circuit ground is used.
TC54
Symbol
Description
SOT-23A
SOT-89
TO-92
11
1
VOUT
Digital Output
32
2
VIN
Analog Input
23
3
VSS
Ground Terminal
—Tab
—
VIN
Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com