Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3SL110 Datasheet(PDF) 53 Page - Altera Corporation

Part # EP3SL110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL110 Datasheet(HTML) 53 Page - Altera Corporation

Back Button EP3SL110 Datasheet HTML 49Page - Altera Corporation EP3SL110 Datasheet HTML 50Page - Altera Corporation EP3SL110 Datasheet HTML 51Page - Altera Corporation EP3SL110 Datasheet HTML 52Page - Altera Corporation EP3SL110 Datasheet HTML 53Page - Altera Corporation EP3SL110 Datasheet HTML 54Page - Altera Corporation EP3SL110 Datasheet HTML 55Page - Altera Corporation EP3SL110 Datasheet HTML 56Page - Altera Corporation EP3SL110 Datasheet HTML 57Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–43
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.2-V
HSTL
CLASS I
GCLK
t
su
0.904
0.906
1.473
-1.503 -1.682 -1.598 -1.620 -1.497 -1.674 -1.587 -1.665
ns
t
h
-0.655
-0.645
1.473
-1.311 -1.418 -1.362 -1.630 -1.322 -1.428 -1.374 -1.666
ns
GCLK
PLL
t
su
-0.884
-0.914
-1.291 -1.412 -1.634 -1.580 -1.842 -1.428 -1.639 -1.588 -1.875
ns
t
h
0.997
1.040
1.554
1.774
1.924
1.808
1.834
1.768
1.931
1.777
1.885
ns
1.2-V
HSTL
CLASS II
GCLK
t
su
0.910
0.917
1.476
1.619
1.864
1.796
2.057
1.645
1.878
1.814
2.090
ns
t
h
-0.661
-0.656
-1.291 -1.412 -1.634 -1.580 -1.842 -1.428 -1.639 -1.588 -1.875
ns
GCLK
PLL
t
su
-0.884
-0.914
-1.291 -1.412 -1.634 -1.580 -1.842 -1.428 -1.639 -1.588 -1.875
ns
t
h
0.997
1.040
1.554
1.774
1.924
1.808
1.834
1.768
1.931
1.777
1.885
ns
3.0-V PCI
GCLK
t
su
0.910
0.917
1.476
1.619
1.864
1.796
2.057
1.645
1.878
1.814
2.090
ns
t
h
-0.661
-0.656
-1.288 -1.413 -1.637 -1.583 -1.845 -1.427 -1.644 -1.593 -1.880
ns
GCLK
PLL
t
su
-0.890
-0.925
1.473
1.620
1.867
1.799
2.060
1.644
1.883
1.819
2.095
ns
t
h
1.003
1.051
-1.288 -1.413 -1.637 -1.583 -1.845 -1.427 -1.644 -1.593 -1.880
ns
3.0-V
PCI-X
GCLK
t
su
0.904
0.906
1.557
1.773
1.921
1.805
1.831
1.769
1.926
1.772
1.880
ns
t
h
-0.655
-0.645
1.473
1.620
1.867
1.799
2.060
1.644
1.883
1.819
2.095
ns
GCLK
PLL
t
su
-0.890
-0.925
1.482
1.633
1.882
1.814
2.075
1.653
1.893
1.829
2.105
ns
t
h
1.003
1.051
-1.297 -1.426 -1.652 -1.598 -1.860 -1.436 -1.654 -1.603 -1.890
ns
Table 1–42. EP3SL50 Row Pins Input Timing Parameters (Part 3 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com