Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE75 Datasheet(PDF) 2 Page - Altera Corporation

Part # EP4CE75
Description  1. Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE75 Datasheet(HTML) 2 Page - Altera Corporation

  EP4CE75 Datasheet HTML 1Page - Altera Corporation EP4CE75 Datasheet HTML 2Page - Altera Corporation EP4CE75 Datasheet HTML 3Page - Altera Corporation EP4CE75 Datasheet HTML 4Page - Altera Corporation EP4CE75 Datasheet HTML 5Page - Altera Corporation EP4CE75 Datasheet HTML 6Page - Altera Corporation EP4CE75 Datasheet HTML 7Page - Altera Corporation EP4CE75 Datasheet HTML 8Page - Altera Corporation EP4CE75 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
1–2
Chapter 1: Cyclone IV Device Datasheet
Operating Conditions
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
1 Cyclone IV E industrial devices I7 are offered with extended operating temperature
range.
Absolute Maximum Ratings
Absolute maximum ratings define the maximum operating conditions for Cyclone IV
devices. The values are based on experiments conducted with the device and
theoretical modeling of breakdown and damage mechanisms. The functional
operation of the device is not implied at these conditions. Table 1–1 lists the absolute
maximum ratings for Cyclone IV devices.
c Conditions beyond those listed in Table 1–1 cause permanent damage to the device.
Additionally, device operation at the absolute maximum ratings for extended periods
of time have adverse effects on the device.
Maximum Allowed Overshoot or Undershoot Voltage
During transitions, input signals may overshoot to the voltage shown in Table 1–2 and
undershoot to –2.0 V for a magnitude of currents less than 100 mA and for periods
shorter than 20 ns. Table 1–2 lists the maximum allowed input overshoot voltage and
the duration of the overshoot voltage as a percentage over the lifetime of the device.
The maximum allowed overshoot duration is specified as a percentage of high-time
over the lifetime of the device.
Table 1–1. Absolute Maximum Ratings for Cyclone IV Devices (1)
Symbol
Parameter
Min
Max
Unit
VCCINT
Core voltage, PCI Express(PCIe) hard IP
block, and transceiver physical coding sublayer
(PCS) power supply
–0.5
1.8
V
VCCA
Phase
-locked loop (PLL) analog power supply
–0.5
3.75
V
VCCD_PLL
PLL digital power supply
–0.5
4.5
V
VCCIO
I/O banks power supply
–0.5
3.75
V
VCC_CLKIN
Differential clock input pins power supply
–0.5
4.5
V
VCCH_GXB
Transceiver output buffer power supply
–0.5
3.75
V
VCCA_GXB
Transceiver physical medium attachment (PMA)
and auxiliary power supply
–0.5
3.75
V
VCCL_GXB
Transceiver PMA and auxiliary power supply
–0.5
1.8
V
VI
DC input voltage
–0.5
4.2
V
IOUT
DC output current, per pin
–25
40
mA
TSTG
Storage temperature
–65
150
°C
TJ
Operating junction temperature
–40
125
°C
Note to Table 1–1:
(1) Supply voltage specifications apply to voltage readings taken at the device pins with respect to ground, not at the
power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com