Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC2LC20 Datasheet(PDF) 20 Page - Altera Corporation

Part # EPC2LC20
Description  Configuration Devices for SRAM-Based
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2LC20 Datasheet(HTML) 20 Page - Altera Corporation

Back Button EPC2LC20 Datasheet HTML 16Page - Altera Corporation EPC2LC20 Datasheet HTML 17Page - Altera Corporation EPC2LC20 Datasheet HTML 18Page - Altera Corporation EPC2LC20 Datasheet HTML 19Page - Altera Corporation EPC2LC20 Datasheet HTML 20Page - Altera Corporation EPC2LC20 Datasheet HTML 21Page - Altera Corporation EPC2LC20 Datasheet HTML 22Page - Altera Corporation EPC2LC20 Datasheet HTML 23Page - Altera Corporation EPC2LC20 Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Page 20
Operating Conditions
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
Table 15. EPC1064, EPC1064V, and EPC1213 Devices ICC Supply Current Values
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC0
VCC supply current (standby)
—
—
100
200
A
ICC1
VCC supply current (during configuration)
—
—
10
50
mA
Table 16. EPC2 Device Values
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC0
VCC supply current (standby)
VCC = 5.0 V or 3.3 V
—
50
100
µA
ICC1
VCC supply current (during
configuration)
VCC = 5.0 V or 3.3 V
—
18
50
mA
RCONF
Configuration pins
Internal pull up (OE, nCS,
nINIT
_CONF)
—1
—
k
Table 17. EPC1 Device ICC Supply Current Values
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC0
VCC supply current (standby)
—
—
50
100
µA
ICC1
VCC supply current (during configuration)
VCC = 5.0 V
—
30
50
mA
VCC = 3.3 V
—
10
16.5
mA
Table 18. EPC1441 Device ICC Supply Current Values
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC0
VCC supply current (standby)
—
—
30
60
µA
ICC1
VCC supply current (during configuration)
VCC = 5.0 V
—
15
30
mA
ICC1
VCC supply current (during configuration)
VCC = 3.3 V
—
5
10
mA
Table 19. Capacitance (7)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input pin capacitance
VIN = 0 V, f = 1.0 MHz
—
10
pF
COUT
Output pin capacitance
VOUT = 0 V, f = 1.0 MHz
—
10
pF
Notes to Table 12 through Table 19:
(1) For more information, refer to the Operating Requirements for Altera Devices Datasheet.
(2) The minimum DC input is -0.3 V. During transitions, the inputs may undershoot to -2.0 V or overshoot to 7.0 V for input currents less than
100 mA and periods shorter than 20 ns under no-load conditions.
(3) Numbers in parentheses are for industrial temperature range devices.
(4) Maximum VCC rise time is 100 ms.
(5) Certain EPC2 device pins are driven to 5.75 V when operated with a 3.3-V VCC. For more information, refer to Table 4 on page 11.
(6) The IOH parameter refers to high-level TTL or CMOS output current and the IOL parameter refers to low-level TTL or CMOS output current.
(7) Capacitance is sample tested only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com