Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Figure 5. Test Circuit for tPLH,tPHL,tr,tf
7
1
4
5
6
8
5 V
619
Ω
INPUT
MONITORING
NODE
PULSE GEN.
tr = tf =5 ns
f = 100 kHz
10 % DUTY
CYCLE
VO = 5 V
ZO = 50Ω
C2 =
15 pF
OUTPUT VO
MONITORING
NODE
VCC
R1
D1
D2
5 k
Ω
D3
D4
2
3
C1 =
120 pF
* 0.1
µF BYPASS
*
Figure 1. Typical Logic Low Output Voltage vs. Temputer
Figure 2. Typical Logic High Output Current vs. Temputer
Figure 3. Typical Output Voltage vs. Forward Input Current
Figure 4. Typical Input Diode Forward Characteristic
0.1
0.11
0.12
0.13
0.14
0.15
-50
0
50
100
150
TA - TEMPERATURE - ˚C
VCC = 4.5/20V
VF = 0V
IO = 6.4mA
VCC = 4.5V
VCC = 20V
-25
-20
-15
-10
-5
0
-50
0
50
100
150
TA - TEMPERATURE - ˚C
VCC = 4.5V
IF = 6mA
VO = 2.4V
VO = 2.7V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
1
2
3
4
5
IF - INPUT CURRENT - mA
IO = -2.6mA
TA = 25C
VCC = 4.5V
IO = 6.4mA
1.1
0.001
VF - FORWARD VOLTAGE - V
1.0
1000
1.3
0.01
1.5
1.2
1.4
0.1
TA = 25 ˚C
10
100
IF
+
-
VF
THE PROBE AND JIG CAPACITANCES
ARE INCLUDED IN C1 AND C2.
R 1
IF(ON)
1.10 k
Ω
3 mA
681
Ω
5 mA
ALL DIODES ARE 1N916 OR 1N3064.
IF (ON)
50 % I F (ON)
0 mA
t PLH
tPHL
VOH
1.3 V
VOL
INPUT I F
OUTPUT VO
330
Ω
10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com