Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5095 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5095
Description  Low Power Optical Mouse Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5095 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-5095 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
SHUT_HI
Address: 0x06
Shutter Open Time (Upper 8-bits) Register
Access: Read
Reset Value: 0x01
Bit
76543210
Field
S15
S14
S13
S12
S11
S10
S9
S8
SHUT_LO
Address: 0x07
Shutter Open Time (Lower 8-bits) Register
Access: Read
Reset Value: 0x00
Bit
76543210
Field
S7
S6
S5
S4
S3
S2
S1
S0
Data Type:
Sixteen bit unsigned integer.
USAGE:
Units are in clock cycles. Read SHUT_HI first, then SHUT_LO. They should be read consecutively.
The shutter is adjusted to keep the average and maximum pixel values within normal operating
ranges. The shutter value is automatically adjusted.
Figure 22. Shutter (white paper).
Figure 23. Mean shutter vs. Z (white paper).
0
20
40
60
80
100
120
140
160
Count
0
50
100
150
200
250
300
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
Distance from Lens Reference Plane to Tracking Surface - Z (mm)
Avg-3sigma
Avg
Avg+3sigma



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com