Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B67374 Datasheet(PDF) 2 Page - EPCOS

Part # B67374
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B67374 Datasheet(HTML) 2 Page - EPCOS

  B67374 Datasheet HTML 1Page - EPCOS B67374 Datasheet HTML 2Page - EPCOS B67374 Datasheet HTML 3Page - EPCOS B67374 Datasheet HTML 4Page - EPCOS B67374 Datasheet HTML 5Page - EPCOS B67374 Datasheet HTML 6Page - EPCOS B67374 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Magnetic characteristics (per set)
l/A = 0.28 mm–1
le
= 377 mm
Ae
= 1350 mm2
Amin = 1350 mm2
Ve
= 508950 mm3
Approx. weight 2500 g/set
U cores are supplied as single units. The AL value in the table applies to a core set comprising two
ungapped cores.
Material
AL value
nH
e
PV
W/set
Ordering code
N27
7500
30%
1670
< 22 (100 mT, 25 kHz, 100 °C)
B67374G0000X127
N87
8900
30%
1970
< 10 (100 mT, 25 kHz, 100 °C)
B67374G0000X187
N97
8400
30%
1870
< 3.3 (100 mT, 25 kHz, 100 °C)
B67374G0000X197
B67374
Core
U 141/78/30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com