Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2802 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2802
Description  Surface Mount RF Schottky Barrier Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2802 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-2802 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-2802 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-2802 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2802 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2802 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2802 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2802 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2802 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2802 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings[1] TC = 25°C
Symbol
Parameter
Unit
SOT-23/SOT-143
SOT-323/SOT-363
If
Forward Current (1 μs Pulse)
Amp
1
1
PIV
Peak Inverse Voltage
V
Same as VBR
Same as VBR
Tj
Junction Temperature
°C
150
150
Tstg
Storage Temperature
°C
-65 to 150
-65 to 150
Tjc
Thermal Resistance[2]
°C/W
500
150
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. TC = +25°C, where TC is defined to be the temperature at the package pins where contact is made to the circuit board.
Notes:
1. Package marking provides orientation and identification.
2. See “Electrical Specifications” for appropriate package marking.
ESD WARNING:
Handling Precautions Should Be Taken To Avoid Static Discharge.
Pin Connections and Package Marking, SOT-363
1
2
3
6
5
4
Electrical Specifications TA = 25°C, Single Diode
[3]
Part
Number
HSMS[4]
Package
Marking
Code
Lead
Code
Configuration
Minimum
Breakdown
Voltage
VBR (V)
Maximum
Forward
Voltage
VF (mV)
Maximum
Forward
Voltage
VF (V) @ IF (mA)
Maximum
Reverse
Leakage
IR (nA) @ VR (V)
Maximum
Capacitance
CT (pF)
Typical
Dynamic
Resistance
RD (Ω)
[5]
2800
A0
0
Single
70
410
1.0 @ 15
200 @ 50
2.0
35
2802
A2
2
Series
2803
A3
3
Common Anode
2804
A4
4
Common Cathode
2805
A5
5
Unconnected Pair
2808
A8
8
Bridge Quad[4]
280B
A0
B
Single
280C
A2
C
Series
280E
A3
E
Common Anode
280F
A4
F
Common Cathode
280K
AK
K
High Isolation
Unconnected Pair
280L
AL
L
Unconnected Trio
280M
H
M
Common Cathode Quad
280N
N
N
Common Anode Quad
280P
AP
P
Bridge Quad
280R
O
R
Ring Quad
Test Conditions
IR = 10 mA
IF = 1 mA
VF = 0 V
f = 1 MHz
IF = 5 mA
Notes:
1. DVF for diodes in pairs and quads in 15 mV maximum at 1 mA.
2. DCTO for diodes in pairs and quads is 0.2 pF maximum.
3. Effective Carrier Lifetime (t) for all these diodes is 100 ps maximum measured with Krakauer method at 5 mA.
4. See section titled “Quad Capacitance.”
5. RD = RS + 5.2 Ω at 25°C and If = 5 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com