Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-286C Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-286C
Description  Surface Mount Microwave Schottky Detector Diodes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-286C Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMS-286C Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Diode Burnout
Any Schottky junction, be it an RF diode or the gate of
a MESFET, is relatively delicate and can be burned out
with excessive RF power. Many crystal video receivers
used in RFID (tag) applications find themselves in poorly
controlled environments where high power sources may
be present. Examples are the areas around airport and
FAA radars, nearby ham radio operators, the vicinity of
a broadcast band transmitter, etc. In such environments,
the Schottky diodes of the receiver can be protected by
a device known as a limiter diode.[6] Formerly available
only in radar warning receivers and other high cost
electronic warfare applications, these diodes have been
adapted to commercial and consumer circuits.
Avago offers a complete line of surface mountable PIN
limiter diodes. Most notably, our HSMP‑4820 (SOT‑23)
or HSMP‑482B (SOT‑323) can act as a very fast (nano‑
second) power‑sensitive switch when placed between
the antenna and the Schottky diode, shorting out the
RF circuit temporarily and reflecting the excessive RF
energy back out the antenna.
Figure 34. Recommended PCB Pad Layout for Avago’s SC70 6L/SOT-363
Products.
[6] Avago Application Note 1050, Low Cost, Surface Mount Power Limiters.
0.026
0.039
0.079
0.022
Dimensions in inches
0.026
0.075
0.016
0.035
Figure 33. Recommended PCB Pad Layout for Avago’s SC70 3L/SOT-323
Products.
A recommended PCB pad layout for the miniature
SOT‑363 (SC‑70 6 lead) package is shown in Figure 34
(dimensions are in inches). This layout provides ample
allowance for package placement by automated
assemblyequipmentwithoutaddingparasiticsthatcould
impair the performance.
Assembly Instructions
SOT-323 PCB Footprint
A recommended PCB pad layout for the miniature SOT‑
323 (SC‑70) package is shown in Figure 33 (dimensions
are in inches).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com