Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF2510APWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2510APWR
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2510APWR Datasheet(HTML) 2 Page - Texas Instruments

  CDCVF2510APWR Datasheet HTML 1Page - Texas Instruments CDCVF2510APWR Datasheet HTML 2Page - Texas Instruments CDCVF2510APWR Datasheet HTML 3Page - Texas Instruments CDCVF2510APWR Datasheet HTML 4Page - Texas Instruments CDCVF2510APWR Datasheet HTML 5Page - Texas Instruments CDCVF2510APWR Datasheet HTML 6Page - Texas Instruments CDCVF2510APWR Datasheet HTML 7Page - Texas Instruments CDCVF2510APWR Datasheet HTML 8Page - Texas Instruments CDCVF2510APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DESCRIPTION CONTINUED
CDCVF2510A
SCAS764C – MARCH 2004 – REVISED FEBRUARY 2009 ............................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The CDCVF2510A is characterized for operation from 0°C to 85°C.
For application information see the application reports High Speed Distribution Design Techniques for
CDC509/516/2509/2510/2516 (literature number SLMA003) and Using CDC2509A/2510A PLL With Spread
Spectrum Clocking (SSC) (literature number SCAA039).
FUNCTION TABLE
INPUTS
OUTPUTS
PLL
AVDD
G
CLK
1Y(0:9)
FBOUT
GND
L
Signal
L
Signal (delayed)
Bypassed / Off
GND
H
Signal
Signal (delayed)
Signal (delayed)
Bypassed / Off
3.3 V (nom)
L
CLK > 1 MHz
L
CLK (in phase)
On
3.3 V (nom)
H
CLK > 1 MHz
CLK (in phase)
CLK (in phase)
On
3.3 V (nom)
X
CLK < 1 MHz
L
L
Off
2
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCVF2510A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com