Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16V8BQL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF16V8BQL
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8BQL Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF16V8BQL Datasheet HTML 1Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 2Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 3Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 4Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 5Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 6Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 7Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 8Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
• Industry-standard Architecture
– Emulates Many 20-pin PALs®
– Low-cost Easy-to-use Software Tools
• High-speed Electrically-erasable Programmable Logic Devices
– 10 ns Maximum Pin-to-pin Delay
• Several Power Saving Options
• CMOS and TTL Compatible Inputs and Outputs
– Input and I/O Pull-up Resistors
• Advanced Flash Technology
– Reprogrammable
– 100% Tested
• High-reliability CMOS Process
– 20 Year Data Retention
– 100 Erase/Write Cycles
– 2,000V ESD Protection
– 200 mA Latchup Immunity
• Commercial, and Industrial Temperature Ranges
• Dual-in-line and Surface Mount Packages in Standard Pinouts
• PCI-compliant
• Green Package Options (Pb/Halide-free/RoHS Compliant) Available
1.
Description
The ATF16V8B is a high-performance CMOS (electricallyerasable) programmable
logic device (PLD) that utilizes Atmel’s proven electrically-erasable Flash memory
technology. All speed ranges are specified over the full 5V
± 10% range for industrial
temperature ranges, and 5V
± 5% for commercial temperature ranges.
Several low-power options allow selection of the best solution for various types of
power-limited applications. Each of these options significantly reduces total system
power and enhances system reliability.
The ATF16V8Bs incorporate a superset of the generic architectures, which allows
direct replacement of the 16R8 family and most 20-pin combinatorial PLDs. Eight out-
puts are each allocated eight product terms. Three different modes of operation,
configured automatically with software, allow highly complex logic functions to be
realized.
Device
I
CC, Standby
I
CC, Active
ATF16V8B
50 mA
55 mA
ATF16V8BQ
35 mA
40 mA
ATF16V8BQL
5 mA
20 mA
High-
performance
EE PLD
ATF16V8B
ATF16V8BQ
ATF16V8BQL
0364J–PLD–7/05


Similar Part No. - ATF16V8BQL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8BQL ATMEL-ATF16V8BQL Datasheet
640Kb / 26P
Highperformance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
High performance EE PLD
More results

Similar Description - ATF16V8BQL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C ATMEL-ATF16V8C_13 Datasheet
1Mb / 23P
Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
Industry-standard Architecture
ATF20V8BQ ATMEL-ATF20V8BQ_14 Datasheet
668Kb / 22P
Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
Industry-standard Architecture
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
Industry Standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
Industry-standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com