| Electronic Components Datasheet Search |
|
P16V8AS Datasheet(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
P16V8AS Datasheet(HTML) 9 Page - ATMEL Corporation |
|
9 / 26 page ![]() 9 0364J–PLD–7/05 ATF16V8B/BQ/BQL in the following pages. The user can download the listed subset device JEDEC programming file to the PLD programmer, and the ATF16V8B can be configured to act like the chosen device. Check with your programmer manufacturer for this capability. Unused product terms are automatically disabled by the compiler to decrease power consump- tion. A security fuse, when programmed, protects the content of the ATF16V8B. Eight bytes (64 fuses) of User Signature are accessible to the user for purposes such as storing project name, part number, revision, or date. The User Signature is accessible regardless of the state of the security fuse. 10. Software Support Atmel-WinCUPL is a free tool, available on Atmel’s web site and can be used to design in all members of the Atmel ATF16V8B family of SPLDs. Table 10-1 lists popular compilers with the appropriate device mnemonics Note: 1. Only applicable for version 3.4 or lower. 11. Macrocell Configuration Software compilers support the three different OMC modes as different device types. Most com- pilers have the ability to automatically select the device type, generally based on the register usage and output enable (OE) usage. Register usage on the device forces the software to choose the registered mode. All combinatorial outputs with OE controlled by the product term will force the software to choose the complex mode. The software will choose the simple mode only when all outputs are dedicated combinatorial without OE control. The different device types can be used to override the automatic device selection by the software. For further details, refer to the compiler software manuals. When using compiler software to configure the device, the user must pay special attention to the following restrictions in each mode. In registered mode pin 1 and pin 11 are permanently configured as clock and output enable, respectively. These pins cannot be configured as dedicated inputs in the registered mode. In complex mode pin 1 and pin 11 become dedicated inputs and use the feedback paths of pin 19 and pin 12 respectively. Because of this feedback path usage, pin 19 and pin 12 do not have the feedback option in this mode. In simple mode all feedback paths of the output pins are routed via the adjacent pins. In doing so, the two inner most pins (pins 15 and 16) will not have the feedback option as these pins are always configured as dedicated combinatorial output. Table 10-1. Compiler Mode Selection Registered Complex Simple Auto Select ABEL, Atmel-ABEL P16V8R P16V8C P16V8AS P16V8 CUPL, Atmel-WinCUPL G16V8MS G16V8MA G16V8AS G16V8 LOG/iC GAL16V8_R(1) GAL16V8_C7(1) GAL16V8_C8(1) GAL16V8 OrCAD-PLD “Registered” “Complex” “Simple” GAL16V8A PLDesigner P16V8R P16V8C P16V8C P16V8A Tango-PLD G16V8R G16V8C G16V8AS G16V8 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |