Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P16V8AS Datasheet(PDF) 7 Page - ATMEL Corporation

Part # P16V8AS
Description  Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

P16V8AS Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button P16V8AS Datasheet HTML 3Page - ATMEL Corporation P16V8AS Datasheet HTML 4Page - ATMEL Corporation P16V8AS Datasheet HTML 5Page - ATMEL Corporation P16V8AS Datasheet HTML 6Page - ATMEL Corporation P16V8AS Datasheet HTML 7Page - ATMEL Corporation P16V8AS Datasheet HTML 8Page - ATMEL Corporation P16V8AS Datasheet HTML 9Page - ATMEL Corporation P16V8AS Datasheet HTML 10Page - ATMEL Corporation P16V8AS Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
0425H–PLD–3/11
Atmel ATF16V8C
11.
Security fuse usage
A single fuse is provided to prevent unauthorized copying of the ATF16V8C fuse patterns. Once programmed, fuse verify
and preload are inhibited. However, the 64-bit user signature remains accessible.
The security fuse will be programmed last, as its effect is immediate.
12.
Input and I/O pin-keeper circuits
The ATF16V8C contains internal input and I/O pin-keeper circuits. These circuits allow each ATF16V8C pin to hold its
previous value even when it is not being driven by an external source or by the device’s output buffer. This helps insure
that all logic array inputs are at known, valid logic levels. This reduces system power by preventing pins from floating to
indeterminate levels. By using pin-keeper circuits rather than pull-up resistors, there is no DC current required to hold the
pins in either logic state (high or low).
These pin-keeper circuits are implemented as weak feedback inverters, as shown in the Input Diagram below. These
keeper circuits can easily be overdriven by standard TTL- or CMOS-compatible drivers. The typical overdrive current
required is 40μA.
Figure 13.
Input diagram
Figure 14.
I/O diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com