Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2733XMF Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2733XMF
Description  LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMF Datasheet(HTML) 2 Page - Texas Instruments

  LM2733XMF Datasheet HTML 1Page - Texas Instruments LM2733XMF Datasheet HTML 2Page - Texas Instruments LM2733XMF Datasheet HTML 3Page - Texas Instruments LM2733XMF Datasheet HTML 4Page - Texas Instruments LM2733XMF Datasheet HTML 5Page - Texas Instruments LM2733XMF Datasheet HTML 6Page - Texas Instruments LM2733XMF Datasheet HTML 7Page - Texas Instruments LM2733XMF Datasheet HTML 8Page - Texas Instruments LM2733XMF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM2733
³<´
SW
FB
GND
VIN
SHDN
U1
R3
51K
SHDN
GND
5 VIN
C1
2.2PF
R2
13.3K
CF
82pF
D1
MBR0540
R1/309K
L1/10PH
C2
4.7PF
30V
OUT
110mA
(TYP)
LM2733
SNVS209E – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Top View
Figure 1. 5-Lead SOT-23 Package
See Package Number DBV (R-PDSO-G5)
PIN DESCRIPTIONS
Pin
Name
Function
1
SW
Drain of the internal FET switch.
2
GND
Analog and power ground.
3
FB
Feedback point that connects to external resistive divider.
4
SHDN
Shutdown control input. Connect to VIN if this feature is not used.
5
VIN
Analog and power input.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com