Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16V8BQL-15PC Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATF16V8BQL-15PC
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8BQL-15PC Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATF16V8BQL-15PC Datasheet HTML 18Page - ATMEL Corporation ATF16V8BQL-15PC Datasheet HTML 19Page - ATMEL Corporation ATF16V8BQL-15PC Datasheet HTML 20Page - ATMEL Corporation ATF16V8BQL-15PC Datasheet HTML 21Page - ATMEL Corporation ATF16V8BQL-15PC Datasheet HTML 22Page - ATMEL Corporation ATF16V8BQL-15PC Datasheet HTML 23Page - ATMEL Corporation ATF16V8BQL-15PC Datasheet HTML 24Page - ATMEL Corporation ATF16V8BQL-15PC Datasheet HTML 25Page - ATMEL Corporation ATF16V8BQL-15PC Datasheet HTML 26Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23
0364J–PLD–7/05
ATF16V8B/BQ/BQL
15.3
20S – SOIC
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
20S, 20-lead, 0.300" Body, Plastic Gull Wing Small Outline (SOIC)
B
20S
10/23/03
7.60 (0.2992)
7.40 (0.2914)
0.51(0.020)
0.33(0.013)
10.65 (0.419)
10.00 (0.394)
PIN 1 ID
1.27 (0.050) BSC
13.00 (0.5118)
12.60 (0.4961)
0.30(0.0118)
0.10 (0.0040)
2.65 (0.1043)
2.35 (0.0926)
0º ~ 8º
1.27 (0.050)
0.40 (0.016)
0.32 (0.0125)
0.23 (0.0091)
PIN 1
Dimensions in Millimeters and (Inches).
Controlling dimension: Inches.
JEDEC Standard MS-013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com