Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLF10040T-331M Datasheet(PDF) 10 Page - TDK Electronics

Part # CLF10040T-331M
Description  Inductors for Power Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLF10040T-331M Datasheet(HTML) 10 Page - TDK Electronics

Back Button CLF10040T-331M Datasheet HTML 5Page - TDK Electronics CLF10040T-331M Datasheet HTML 6Page - TDK Electronics CLF10040T-331M Datasheet HTML 7Page - TDK Electronics CLF10040T-331M Datasheet HTML 8Page - TDK Electronics CLF10040T-331M Datasheet HTML 9Page - TDK Electronics CLF10040T-331M Datasheet HTML 10Page - TDK Electronics CLF10040T-331M Datasheet HTML 11Page - TDK Electronics CLF10040T-331M Datasheet HTML 12Page - TDK Electronics CLF10040T-331M Datasheet HTML 13Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
(10/13)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_clf_en.fm
• All specifications are subject to change without notice.
CLF series 
CLF10040 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial value)
Idc2: When based on the temperature increase (Temperature increase of 30°C)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring frequency
(kHz)
DC resistance
(
: )
Rated current
Part No.
(A)
(μH)
Tolerance
Idc1
Idc2
1.0
±30%
100
5.7m±30%
12.0
6.3
CLF10040T-1R0N
1.5
±30%
100
7.1m±30%
10.6
5.8
CLF10040T-1R5N
2.2
±30%
100
9.7m±30%
7.5
5.0
CLF10040T-2R2N
3.3
±30%
100
11.0m±30%
6.6
4.8
CLF10040T-3R3N
4.7
±30%
100
14.5m±30%
5.4
4.2
CLF10040T-4R7N
6.8
±30%
100
18.5m±30%
4.8
3.7
CLF10040T-6R8N
10
±20%
100
26m±20%
4.0
3.3
CLF10040T-100M
15
±20%
100
40m±20%
3.2
2.5
CLF10040T-150M
22
±20%
100
55m±20%
2.7
2.2
CLF10040T-220M
33
±20%
100
80m±20%
2.2
1.7
CLF10040T-330M
47
±20%
100
125m±20%
1.9
1.3
CLF10040T-470M
68
±20%
100
0.18±20%
1.6
1.1
CLF10040T-680M
100
±20%
100
0.24±20%
1.3
1.0
CLF10040T-101M
150
±20%
100
0.38±20%
1.0
0.8
CLF10040T-151M
220
±20%
100
0.52±20%
0.88
0.70
CLF10040T-221M
330
±20%
100
0.86±20%
0.70
0.53
CLF10040T-331M
470
±20%
100
1.21±20%
0.56
0.44
CLF10040T-471M
Measurement item
Product No.
Manufacturer
L
4285A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com