Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3962 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP3962
Description  LP3962/LP3965 1.5A Fast Ultra Low Dropout Linear Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3962 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3962 Datasheet HTML 12Page - Texas Instruments LP3962 Datasheet HTML 13Page - Texas Instruments LP3962 Datasheet HTML 14Page - Texas Instruments LP3962 Datasheet HTML 15Page - Texas Instruments LP3962 Datasheet HTML 16Page - Texas Instruments LP3962 Datasheet HTML 17Page - Texas Instruments LP3962 Datasheet HTML 18Page - Texas Instruments LP3962 Datasheet HTML 19Page - Texas Instruments LP3962 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
LP3962, LP3965
SNVS066H – MAY 2000 – REVISED APRIL 2013
www.ti.com
Figure 25. Maximum power dissipation vs ambient temperature for SFM/TO-263 package
Figure 26 shows a curve for the
θJA of SOT-223 package for different copper area sizes, using a typical PCB with
1 ounce copper and no solder mask over the copper area for heat sinking.
Figure 26.
θJA vs Copper(1 Ounce) Area for SOT-223 package
Figure 27 through Figure 35 show different layout scenarios for SOT-223 package.
Figure 27. SCENARIO A,
θJA = 148°C/W
Figure 28. SCENARIO B,
θJA = 125°C/W
16
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP3962 LP3965



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com