Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD1819ART1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MSD1819ART1
Description  NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSD1819ART1 Datasheet(HTML) 1 Page - Motorola, Inc

  MSD1819ART1 Datasheet HTML 1Page - Motorola, Inc MSD1819ART1 Datasheet HTML 2Page - Motorola, Inc MSD1819ART1 Datasheet HTML 3Page - Motorola, Inc MSD1819ART1 Datasheet HTML 4Page - Motorola, Inc MSD1819ART1 Datasheet HTML 5Page - Motorola, Inc MSD1819ART1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NPN Silicon General Purpose
Amplifier Transistor
This NPN Silicon Epitaxial Planar Transistor is designed for general purpose
amplifier applications. This device is housed in the SC-70/SOT-323 package
which is designed for low power surface mount applications.
• High hFE, 210–460
• Low VCE(sat), < 0.5 V
• Available in 8 mm, 7-inch/3000 Unit Tape and Reel
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
60
Vdc
Collector-Emitter Voltage
V(BR)CEO
50
Vdc
Emitter-Base Voltage
V(BR)EBO
7.0
Vdc
Collector Current — Continuous
IC
100
mAdc
Collector Current — Peak
IC(P)
200
mAdc
DEVICE MARKING
MSD1819A-RT1 = ZR
MSD1819A-ST1 = ZS
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation(1)
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
– 55 ~ + 150
°C
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
Collector-Emitter Breakdown Voltage (IC = 2.0 mAdc, IB = 0)
V(BR)CEO
50
—
Vdc
Collector-Base Breakdown Voltage (IC = 10 µAdc, IE = 0)
V(BR)CBO
60
—
Vdc
Emitter-Base Breakdown Voltage (IE = 10 µAdc, IE = 0)
V(BR)EBO
7.0
—
Vdc
Collector-Base Cutoff Current (VCB = 20 Vdc, IE = 0)
ICBO
—
0.1
µA
Collector-Emitter Cutoff Current (VCE = 10 Vdc, IB = 0)
ICEO
—
100
µA
DC Current Gain(2)
(VCE = 10 Vdc, IC = 2.0 mAdc)
MSD1819A-RT1
MSD1819A-ST1
(VCE = 2.0 Vdc, IC = 100 mAdc)
hFE1
hFE2
210
290
90
340
460
—
—
Collector-Emitter Saturation Voltage(2)
(IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
—
0.5
Vdc
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
2. Pulse Test: Pulse Width
≤ 300 µs, D.C. ≤ 2%.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MSD1819A–RT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MSD1819A-RT1
MSD1819A-ST1
NPN GENERAL
PURPOSE AMPLIFIER
TRANSISTORS
SURFACE MOUNT
Motorola Preferred Devices
CASE 419–02, STYLE 3
SC–70/SOT–323
1
2
3
© Motorola, Inc. 1996
COLLECTOR
3
1
BASE
2
EMITTER
REV 1


Similar Part No. - MSD1819ART1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSD1819A-RT1 ONSEMI-MSD1819A-RT1 Datasheet
101Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
REV 2
MSD1819A-RT1 ONSEMI-MSD1819A-RT1 Datasheet
215Kb / 4P
General Purpose Amplifier Transistor
October, 2010 -- Rev. 7
MSD1819A-RT1G ONSEMI-MSD1819A-RT1G Datasheet
215Kb / 4P
General Purpose Amplifier Transistor
October, 2010 -- Rev. 7
MSD1819A-RT1G ONSEMI-MSD1819A-RT1G Datasheet
63Kb / 4P
General Purpose Amplifier Transistor
May, 2016 ??Rev. 10
MSD1819A-RT1 ONSEMI-MSD1819A-RT1_10 Datasheet
215Kb / 4P
General Purpose Amplifier Transistor
October, 2010 -- Rev. 7
More results

Similar Description - MSD1819ART1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2SC4617 MOTOROLA-2SC4617 Datasheet
128Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MSB710QT1 MOTOROLA-MSB710QT1 Datasheet
125Kb / 6P
PNP General Purpose Amplifier Transistors Surface Mount
MSD601RT1 MOTOROLA-MSD601RT1 Datasheet
110Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount?
logo
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
296Kb / 12P
GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MSD1819A-RT1 ONSEMI-MSD1819A-RT1 Datasheet
101Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
REV 2
logo
Leshan Radio Company
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
NPN General Purpose Amplifier Transistors Surface Mount
logo
E-Tech Electronics LTD
MSD601 ETL-MSD601 Datasheet
78Kb / 1P
NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617_04 Datasheet
48Kb / 4P
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
48Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount
January, 2006 ??Rev. 7
MSD601-RT1 ONSEMI-MSD601-RT1_12 Datasheet
85Kb / 3P
NPN General Purpose Amplifier Transistors Surface Mount
July, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com