Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF04T Datasheet(PDF) 115 Page - Tyco Electronics

Part # ADF04T
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04T Datasheet(HTML) 115 Page - Tyco Electronics

Back Button ADF04T Datasheet HTML 111Page - Tyco Electronics ADF04T Datasheet HTML 112Page - Tyco Electronics ADF04T Datasheet HTML 113Page - Tyco Electronics ADF04T Datasheet HTML 114Page - Tyco Electronics ADF04T Datasheet HTML 115Page - Tyco Electronics ADF04T Datasheet HTML 116Page - Tyco Electronics ADF04T Datasheet HTML 117Page - Tyco Electronics ADF04T Datasheet HTML 118Page - Tyco Electronics ADF04T Datasheet HTML 119Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 326 page
background image
D25
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
MPS Series
Pushbutton Switches, Snap Action, Wire Lug, 3 Amp
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver
Case Material ..........................Epoxy resin
Actuator Material ....................Copper alloy, nickel plate
Terminals ................................Silver
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............+5°F to +158°F (-15°C to +70°C)
Storage Temperature................+5°F to +158°F (-15°C to +70°C)
Solder Heat Resistance ............See page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................3 A @ 115 VAC or 28 VDC
Initial Contact Resistance ........10 Milliohms max.
Contact Timing ........................Break-before-make
Insulation Resistance ..............1,000 Megohms @ 500 VDC min.
Dielectric Strength ..................1,000 Volts RMS @ sea level
Actuation Force ......................Single pole - 7 to 14 oz. (200 to 400 grams)
Double pole - 14 to 25 oz. (400 to 700 grams)
Actuator Travel........................Momentary .040" (1.02)
Push on/off .098" (2.49)
Life Expectancy ......................Up to 50,000 Actuations
SPDT/DPDT
SPDT/DPDT
MPSR103F
Part Number
Tyco
Alcoswitch
Type
Action
Dim."A"
Terminals
Electronics
8-1437567-0 MPSN103F
SPDT
Momentary
.040
Wire Lug
Note: LEDs are red and green.
MPS103F
.160
(4.00)
.079
(2.00)
SWITCH
TERMINAL
.040 x .080
(1.00 x 2.00)
HOLE
.250
(6.35)
DIA.
.227
(5.77 )
.030
(0.76 )
.590
(14.99)
DIA.
N.O.
DIM “A”
.390
(9.90)
.031
(.787)
N.C.
COMMON
LED TERMINAL
N.O.
N.C.
COMMON
COMMON
NEGATION
RED +
GREEN +
COMM. NEG.
RED +
GREEN +
LED
TERMINAL
SWITCH
TERMINAL
TERMINAL VIEW
KEYWAY
.394
10.00
.236
(6.00)
MAX
.453
(11.51)
.040
(1.01)
TRAVEL
LED
.512
(13.00)
.512
(13.00)
0.18
(4.60)
.197
(5.00)
1/4-40
UNS-2A
LED Specifications:
Max. Vfwd. @ 20 mAdc : 3 Vdc.
Max. V rev. : 5 Vdc.
Max. 1 fws. : 30 mAdc.
Recommended series resistance: R = 120 ohm @ 5 Vdc.
(add 50 ohms/volt above 5 volts)
SPDT
MPSN103F
.250
(6.35 )
DIA.
.244
(6.20)
.093
(2.36)
TYP. DIA.
.250
(6.35)
DIA.
.227
(5.77)
.020 Dp. x .040 W
(0.51 Dp. x 1.00 W)
KEYWAY
.040 x .080
(1.00 x 2.00)
HOLE
.030 - .035
(0.76 - 0.89)
N.O.
DIM “A”
0.37
(9.50) .315
(8.00)
.315
(8.00)
1/4-40 UNS-2A
COMMON
.394
(10.00)
0.16
(4.00)
.177
(4.49)
.512
(13.00)
.512
(13.00)
.315
(8.00)
.031
(.787)
.079
(2.00)
0.16
(4.00)
N.C.
.197
(5.00)
MPS203R
MPSR203R
.512
(13.00)
.626
(15.9)
PANEL
CUTOUT
BEVELED
FRAME
.925
(23.50)
.472
(11.99)
.472
(11.99)
.689
(17.5)
.150
(3.80)
.142
(3.60)
.118
(2.99)
.689
(17.5)
.157
(3.98)
.079
(2.00)
.040 x .080
(1.00 x 2.00)
HOLE
.512
(13.00)
.512
(13.00)
.315
(8.00)
.031
(.787)
.180
(4.60)
.197
(5.00)
Note: Hardware included with switches
Caps not supplied, order separately. (See Cap Model C22 and C23 on Page D32.)
C-33(*) Button not supplied, Plastic (black)
beveled edged frame Model SDRO, not supplied.
ORDER SEPARATELY
LI
GH
TE
D
Part Number
Tyco
Alcoswitch
Type
Action
Dim."A" Terminals
Electronics
5-1437567-9
MPS103D
SPDT
Push-on/Off
.100
Wire Lug
6-1437567-3
MPS103F
SPDT
Momentary
.040
Wire Lug
6-1437567-8
MPS203N
DPDT
Push-on/Off
.100
Wire Lug
7-1437567-2
MPS203R
DPDT
Momentary
.040
Wire Lug
Part Number
Tyco
Alcoswitch
Type
Action
Terminals
Electronics
8-1437567-1
MPSR103F
SPDT
Momentary
Wire Lug
8-1437567-2
MPSR203R
DPDT
Momentary
Wire Lug
Model
Description
Color
2-1437628-2
SDR0
Plastic beveled frame
Black
5-1437627-5
C330
Square button for MPSR
Black
5-1437627-6
C332
Square button “
Red
5-1437627-8
C339
Square button “
White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com