Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF04T Datasheet(PDF) 118 Page - Tyco Electronics

Part # ADF04T
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04T Datasheet(HTML) 118 Page - Tyco Electronics

Back Button ADF04T Datasheet HTML 114Page - Tyco Electronics ADF04T Datasheet HTML 115Page - Tyco Electronics ADF04T Datasheet HTML 116Page - Tyco Electronics ADF04T Datasheet HTML 117Page - Tyco Electronics ADF04T Datasheet HTML 118Page - Tyco Electronics ADF04T Datasheet HTML 119Page - Tyco Electronics ADF04T Datasheet HTML 120Page - Tyco Electronics ADF04T Datasheet HTML 121Page - Tyco Electronics ADF04T Datasheet HTML 122Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 326 page
background image
D28
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
MSPF Series
Pushbutton Switches, Front or Rear Entry Mount, 15/32 Bushing
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver plate
Case Material ..........................Thermoset
Actuator Material ....................Thermoplastic
Terminals ................................Silver plate
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +176°F (-20°C to +80°C)
Storage Temperature................-4F to +176°F (-20°C to +80°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.5 A @ 125 VAC
Initial Contact Resistance ........100 Milliohms
Contact Timing ........................Break-before-make
Insulation Resistance ..............1,000 Megohms min.
Dielectric Strength ..................1,000 Volts RMS @ sea level
Actuator Travel.........................098" (2.49)
Life Expectancy ......................Up to 10,000 Cycles
2 CIRCUIT
.270
(6.85)
DIA.
.100
(2.54)
TRAVEL
.256
(6.50)
.374
(9.50)
.376
(9.55)
.200
(5.08)
WHITE
DOT
WHITE
DOT
15/32-32
UNS-2A
.079
(2.00)
.020
(0.50)
TYP.
.177
(4.49)
.177
(4.49)
13
24
2
.468- .472
(11.8 - 11.9)
DIA.
Part Number
Tyco
Alcoswitch
Type
Action
Actuator Color
Electronics
8-1437567-9
MSPF101BC0
2 Circuit
Normally open-normally closed
Black
9-1437567-0
MSPF101BC2
2 Circuit
Normally open-normally closed
Red
9-1437567-1
MSPF101BC6
2 Circuit
Normally open-normally closed
Blue
9-1437567-2
MSPF101BC9
2 Circuit
Normally open-normally closed
White
SPST
MSPF101B
.270
(6.85)
DIA.
.468- .472
(11.8 - 11.9)
DIA.
.100
(2.54)
TRAVEL
.256
(6.50)
.374
(9.50)
.376
(9.55)
.200
(5.08)
15/32-32
UNS-2A
.079
(2.00)
.020
(0.50)
TYP.
.177
(4.50)
NORMALLY OPEN
NORMALLY CLOSED
Part Number
Tyco
Alcoswitch Type
Action
Actuator Color
Electronics
8-1437567-8
MSPF101B
SPST
Normally Closed
Black
9-1437567-3
MSPF101C
SPST
Normally Open
Red
MSPF101BC
Application Note: Illustration shows versatile front
or rear entry usage, with hardware supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com