Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF04T Datasheet(PDF) 228 Page - Tyco Electronics

Part # ADF04T
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04T Datasheet(HTML) 228 Page - Tyco Electronics

Back Button ADF04T Datasheet HTML 224Page - Tyco Electronics ADF04T Datasheet HTML 225Page - Tyco Electronics ADF04T Datasheet HTML 226Page - Tyco Electronics ADF04T Datasheet HTML 227Page - Tyco Electronics ADF04T Datasheet HTML 228Page - Tyco Electronics ADF04T Datasheet HTML 229Page - Tyco Electronics ADF04T Datasheet HTML 230Page - Tyco Electronics ADF04T Datasheet HTML 231Page - Tyco Electronics ADF04T Datasheet HTML 232Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 326 page
background image
Series 6000
Pushbutton Switches, 30mm, Round or Mushroom Buttons
I
I11
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
EXTENDED BUTTON MOMENTARY
Metal Bushing
Contact blocks not supplied, order separately. (See page I8.)
Model
Special Details
M6020(*)
Momentary
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (4) Yellow, (5) Green, (6) Blue, (9) White.
MUSHROOM HEAD MOMENTARY PUSH MAINTAINED
Metal Bushing
Contact blocks not supplied, order separately. (See page I8.)
Tyco Electronics
Alcoswitch
Special Details
Color
—
M6057(*)
Momentary
(*)
1437610-6
M60532
Push-Pull
Red
1-1437610-3
M60652
Push-Lock/Twist
Red
To Release
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (3) Orange, (4) Yellow, (5) Green, (6) Blue, (9) White.
LARGE MUSHROOM HEAD MOMENTARY PUSH
Metal Bushing
Contact blocks not supplied, order separately. (See page I8.)
Tyco Electronics
Alcoswitch
Special Details
Color
1-1437610-2
M60582
Momentary
Red
LARGE GUARDED MUSHROOM HEAD
MOMENTARY PUSH
Metal Bushing. Heavy duty metal bushing and guard.
Contact blocks not supplied, order separately. (See page I8.)
Model
Special Details
M6080(*)
Momentary
(*) Specify color by adding suffix number: (0) Black, (2) Red, (5) Green.
2.36
(60.0)
1.50
(38.0)
1.043
(26.5)
Contact Block Holder
2.60
(66.0)
1.04
(26.5)
2.72
(69.0)
1.043
(26.5)
w/Holder
Contact
Block Holder
2.05
(52.1)
1.54
(39.1)
1.34
(34.0)
.630
(16.0)
1.043
(26.5)
2.05
(52.1)
1.54
(39.1)
1.34
(34.0)
.472
(12.0)
1.043
(26.5)
1.58
(40.0)
1.50
(38.0)
1.043
(26.5)
FLUSH GUARD MOMENTARY
Metal Bushing
Contact blocks not supplied, order separately. (See page I8.)
Model
Special Details
M6010(*)
Momentary
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (4) Yellow, (5) Green, (6) Blue, (9) White.
M6010(*)
M6020(*)
M6057(*)
M60582
M6080(*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com