Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF04T Datasheet(PDF) 232 Page - Tyco Electronics

Part # ADF04T
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04T Datasheet(HTML) 232 Page - Tyco Electronics

Back Button ADF04T Datasheet HTML 228Page - Tyco Electronics ADF04T Datasheet HTML 229Page - Tyco Electronics ADF04T Datasheet HTML 230Page - Tyco Electronics ADF04T Datasheet HTML 231Page - Tyco Electronics ADF04T Datasheet HTML 232Page - Tyco Electronics ADF04T Datasheet HTML 233Page - Tyco Electronics ADF04T Datasheet HTML 234Page - Tyco Electronics ADF04T Datasheet HTML 235Page - Tyco Electronics ADF04T Datasheet HTML 236Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 326 page
background image
Panel Layouts
Series 6000
Lamps/Transformers
I
I15
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
LAMPS
The lamps with G31/2 bulbs fit all Reliant 22, Series 6000
illuminated operators and pilot lights. Lamps with T31/4 Bayonet
Base fit all Reliant 22 and Series 6000 illuminated models
(except QM120, QM122, and M6650, and M6655).
Tyco
Alcoswitch
Bulb
Rated
Design
MSCP
Average
Electronics
Volts
Amps
Rated Hours
1-1437620-5
755
T31/4
6.3
.15
.33
20,000
1-1437620-6
757
T31/4
28
.08
.62
7,500
*Not recommended for use with green or blue lenses.
STEP-DOWN TRANSFORMERS
AC LINE TO 6V/6.3V
Snap mount on lighted operators and QM600, T6632 and RM600 pilot
lights. Spade tipped leads connect to lamp terminals on operator.
Screw terminals on primary. Use 6-6.3V lamps. 0-9 to 1.35 watts.
Secondary winding is energy-limited.
Tyco
Alcoswitch Primary Voltage
Electronics
1437612-8
5B0
110-120 VAC
1437612-7
570
220-240 VAC
U.L.
Recognized
®
755
NE51HR
5B0
SERIES 6000 STANDARD MODELS
Recommended hole mounting dimensions*
Minimum Center-To-Center Spacing
Inches/(mm)
Operator Type
A
B
Pushbuttons, Pilots
1.88/47.8
1.97/50.0
Mushroom, Selector
2.25/57.2
2.25/57.2
Large Mushroom
3.00/76.2
3.00/76.2
*Check dimensions for layouts using legend plates.
A
1-3/16"
[30.16]
Dia.
B
PANEL HOLE
1/8" Drill
[3.17]
RELIANT'22 MINIATURE MODELS
Recommended hole mounting dimensions*
Minimum Center-To-Center Spacing
Inches/(mm)
Operator Type
A
B
Pushbuttons, Pilots
1.19/30.2
1.66/42.2
Mushroom, Selector
1.50/37.8
1.66/42.2
Others
1.94/49.3
1.94/49.3
*Check dimensions for layouts using legend plates.
A
7/8"
[22.22]
Dia.
B
PANEL HOLE
1/8" Drill
[3.17]
Application Note: For additional specifications,
see page K10
1.18
(30.0)
1.93
(49.0)
1.02
(26.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com