Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF04T Datasheet(PDF) 235 Page - Tyco Electronics

Part # ADF04T
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04T Datasheet(HTML) 235 Page - Tyco Electronics

Back Button ADF04T Datasheet HTML 231Page - Tyco Electronics ADF04T Datasheet HTML 232Page - Tyco Electronics ADF04T Datasheet HTML 233Page - Tyco Electronics ADF04T Datasheet HTML 234Page - Tyco Electronics ADF04T Datasheet HTML 235Page - Tyco Electronics ADF04T Datasheet HTML 236Page - Tyco Electronics ADF04T Datasheet HTML 237Page - Tyco Electronics ADF04T Datasheet HTML 238Page - Tyco Electronics ADF04T Datasheet HTML 239Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 326 page
background image
Command Series
I
Pilot Light Indicators or Lens Sets, 16mm
I18
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FEATURES
Command Series Pilot Light Indicators match the appearance of
both lighted and unlighted Command Series pushbuttons. The
same lens buttons are snapped into place and legends may be easily
inserted. Illumination is from T - 1 3/4 midget flange based lamps,
which are installed from the front panel. Lenses and lamps are
ordered separately. Oiltight models meet NEMA 1, 12 & 13
requirements. UL File No. E-51302
CSA LR-20479
TYPICAL PERFORMANCE CHARACTERISTICS:
LAMP DISSIPATION
1.2W MAX.
Insulation Resistance ..............100 Megohms min.
Dielectric Strength ..................1,500 VAC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +122°F (-20°C to +50°C)
PILOT LIGHT
INDICATORS
LENS SET
Model
Description
64E(*)
Round lens set
64S(*)
Square lens set
64T(*)
Rectangular lens set
All fit oiltight and non-oiltight indicators.
(*) Specify color by adding suffix number: (2) Red,
(3) Orange, (4) Yellow, (5) Green, (6) Blue, (9) White/Clear.
.709
(18.00)
.709
(18.00)
.709
(18.00)
.625
(15.90)
DIA.
PANEL
HOLE
.709
(18.00)
.709
(18.00)
.709
(18.00)
.625
(15.90)
DIA.
PANEL
HOLE
.625
15.90
DIA.NOM.
.945
(24.00)
.275
(6.98)
LAMP
.709
(18.00)
.590
(14.98)
DIA.
.393
(9.98)
.590
(14.98)
.709
(18.00)
.709
(18.00)
.827
(21.00)
.945
(24.00)
.409
(10.40)
.409
(10.40)
.709
(18.00)
.950
(24.00)
.950
(24.00)
.625
(15.90)
DIA.
PANEL
HOLE
.075
(1.90)
DIA.
164EZ
64E
64E
64S
64T
Application Note:
Lens sets include, button, diffuser and cap.
Non-Oiltight
Oiltight
Tyco
Alcoswitch
Tyco
Alcoswitch Description
Electronics
Electronics
1437569-8
164EZ
—
165EZ
Round
3-1437569-2
164SZ
—
165SZ
Square
4-1437569-1
164TZ
—
165TZ
Rectangular
Lens set and lamp not supplied,
order separately, see below.
U.L. Recognized E-51302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com