Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF04T Datasheet(PDF) 237 Page - Tyco Electronics

Part # ADF04T
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04T Datasheet(HTML) 237 Page - Tyco Electronics

Back Button ADF04T Datasheet HTML 233Page - Tyco Electronics ADF04T Datasheet HTML 234Page - Tyco Electronics ADF04T Datasheet HTML 235Page - Tyco Electronics ADF04T Datasheet HTML 236Page - Tyco Electronics ADF04T Datasheet HTML 237Page - Tyco Electronics ADF04T Datasheet HTML 238Page - Tyco Electronics ADF04T Datasheet HTML 239Page - Tyco Electronics ADF04T Datasheet HTML 240Page - Tyco Electronics ADF04T Datasheet HTML 241Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 326 page
background image
I
I20
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Command Series
Socket for 16mm Command Series Switches
T1 3/4 Series Midget Incandescent Lamps
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
697-PL
9-1437569-5
Tyco
Average
Electronics
Alcoswitch
Rated Volts
Design Amps
Rated MSCP
Rated Hours
9-1437620-6
7333
5.0
.060
.05
40,000
1-1437620-8
815-AG
—
.115
.147
40,000
1437620-7
381-AG
6.3
.20
.40
50,000
1437620-8
382-AG
14.0
.08
.30
50,000
1437620-9
385
28.0
.04
.20
50,000
1-1437620-1
387
28.0
.04
.30
25,000
1437620-5
327-AG
28.0
.04
.34
7,000
FLANGE BASE- T1 3/4
0.26
(6.60)
2.28
(5.79)
MAX.
.630
(16.0)
MAX.
2.52
± .010
(6.40
± .025)
2.91
± .005
(7.39
± .127)
Average Life ratings indicate the lamp life obtained in controlled
laboratory conditions while operating lamps at the design voltage
(AC) (DC will shorten life by 50%). The life of a subminiature
lamp is inversely proportional to the 12th power of the applied
voltage.
ALCOSWITCH subminiature lamps are a "T" class, meaning that
the envelopes are made of glass tubing, the "T" number indicating
the diameter of the tubing in eights of an inch.
Recommended PCB Footprint
.052
(1.32)
.472
(11.99)
.708
(17.98)
N.C. N.O.
N.O. N.C.
.708
(17.98)
Lamp
Contacts
.705
(17.91)
.138
(3.51)
.189
(4.80)
1.905
(48.39)
.213
(5.41)
.563
(14.30)
.248
(6.30)
Typ.
1.996
(50.69)
Switch
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com