Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF04T Datasheet(PDF) 236 Page - Tyco Electronics

Part # ADF04T
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04T Datasheet(HTML) 236 Page - Tyco Electronics

Back Button ADF04T Datasheet HTML 232Page - Tyco Electronics ADF04T Datasheet HTML 233Page - Tyco Electronics ADF04T Datasheet HTML 234Page - Tyco Electronics ADF04T Datasheet HTML 235Page - Tyco Electronics ADF04T Datasheet HTML 236Page - Tyco Electronics ADF04T Datasheet HTML 237Page - Tyco Electronics ADF04T Datasheet HTML 238Page - Tyco Electronics ADF04T Datasheet HTML 239Page - Tyco Electronics ADF04T Datasheet HTML 240Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 326 page
background image
I
I19
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Command Series, Accessories
Accessories and Tools, 16mm
FEATURES:
Standard Legends on Transparent Adhesive Tape are available for
Illuminated Command Series switches and pilot lights. Legends are
easily affixed to the translucent white button and are protected by
the lens cap. The black lettering is back-lit by the lamp and the
inscription is visible through the lens cap. This method of
providing legends is also suitable in some applications using non-
illuminated white (clear), yellow or orange lens caps.
Standard legends, listed below, are intended to be used with round,
square or rectangular pushbuttons and pilot lights. Sold only in
sheets of 10 identical legends.
Accessories
MOUNTING WRENCH
Sturdy tubular brass wrench fits mounting
nuts on all Command Series switches.
LENS REMOVER
Dual purpose metal tool facilitates
removal of lenses, buttons.
Tyco Electronics
Alcoswitch
6-1437569-0
601-AG
SPLASH PROOF SEAL
Flexible clear seal fits all rectangular
pushbuttons and pilot lights.
Tyco Electronics
Alcoswitch
9-1437569-2
668
FLIP COVER SWITCH GUARD
669 used with rectangular series pushbutton switches.
671 used with square and round series pushbutton switches.
Tyco Electronics
Alcoswitch
9-1437569-4
669 Rectangular
9-1437569-3
671-AG
Square and Round
Tyco Electronics
Alcoswitch
6-1437569-9
618-AG
Tyco Electronics
Alcoswitch
6-1437569-3
616
On
6-1437569-2
616
Off
Note: Model numbers must include complete legend nomenclature.
Legend (film)
LEGEND MODEL NUMBERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com