Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOCP255K Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TOCP255K
Description  Fiber-Optic Devices Toslink
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOCP255K Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TOCP255K Datasheet HTML 1Page - Toshiba Semiconductor TOCP255K Datasheet HTML 2Page - Toshiba Semiconductor TOCP255K Datasheet HTML 3Page - Toshiba Semiconductor TOCP255K Datasheet HTML 4Page - Toshiba Semiconductor TOCP255K Datasheet HTML 5Page - Toshiba Semiconductor TOCP255K Datasheet HTML 6Page - Toshiba Semiconductor TOCP255K Datasheet HTML 7Page - Toshiba Semiconductor TOCP255K Datasheet HTML 8Page - Toshiba Semiconductor TOCP255K Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Note: TOSLINK is a trademark of Toshiba Corp.
Raytela is a trademark of Toray Industries Inc.
Eska Premier is a trademark of Mitubishi Rayon Co. Ltd.
Sumiguide is a trademark of Sumitomo Electronic Industries Ltd.
TOSLINKTM is a data transmission device which uses optical
signals instead of electrical signals.
Its principal features are as follows:
Electromagnetic noise has no effect on the transmission line.
The transmission line does not radiate any electromagnetic
noise.
The device is as easy to handle as like a digital IC, and
connector assembly is easy.
Comparison of TOSLINK and photocoupler
TOSLINKTM Optical Transmission Device
The function ability of TOSLINK is similar to that of a photocoupler.
A photocoupler has light-emitting and light-receiving devices in one package.
It is used to transmit electrical signals in a circuit, for a very short distane.
TOSLINK can be imagined as follows: separate the emitting device from the
receiving device in the center of a photocoupler, then re-connect the two
devices using a long optical fiber cable.
Because optical fiber is used as the transmission line, it is possible to transmit
signals over long distances while isolating them using TOSLINK.
As a result, TOSLINK is also sometimes referred to as a long-distance
photocoupler.
Comparison of TOSLINK and photocoupler
Electrical and optical transmission system
Electrical data transmission systems consist of the following devices: a line driver
and line receiver to amplify electrical signals, a twisted-pair (or coaxial) cable as
the transmission line and electrical connectors linking the line driver and line
receiver to the electrical cable.
By contrast, TOSLINK consist of the following devices: a transmitting module
which converts electrical signals into optical ones, a receiving module which
reconverts optical signals into electrical ones, optical fiber cable as the
transmission line and optical connectors to link the transmitting and receiving
modules to the optical fiber cable.
In TOSLINK, a transmitting IC (LED driver) and LED are included in the
transmitting module, and a receiving IC (waveform-reshaping circuit) and
photodiode are included in the receiving module. The interface between
transmitting and receiving ICs is at the transistor-transistor logic (TTL) or emitter
coupled logic (ECL) levels. Because of this it is easy to make connections with
the other circuits.
Data transmission system
(a) Data transmission by electrical wire
Electrical input signal
Line
Driver
Twisted
pair
or coaxial
cable
Electrical
connector
Electrical output signal
Line
Receiver
Electrical
connector
(b) Data transmission using fiber-optic cables
Electrical input signal
Transmitting
Module
Transmitting
Circuit
Optical fiber
E/O converter
LED
Receiving
Circuit
Photodiode
O/E converter
Fiber-optic link
Fiber-optic
connector
Electrical output signal
Receiving
Module
Fiber-optic
connector
VCC
VCC
Output
Input
(a)Photocoupler
VCC
VCC
Output
Input
(b)TOSLINK
Optical fiber
Optical transmitting module
Optical receiving module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com