Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVDRIVE Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # UVDRIVE
Description  DC Power Supply for UVTOP/UVLUX LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVDRIVE Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  UVDRIVE Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVDRIVE Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30.06.2011
UVDRIVE
1 / 2
UVDRIVE
DC Power Supply for UVTOP/UVLUX LEDs
UVDRIVE is a continuously adjustable constant current power supply specifically designed to operate the
UVTOP and UVLUX UV LEDs. The adjacent current can directly be monitored on the LCD display.
UVDRIVE comes with 110/240 VAC power supply and LED cable and fixture for ease of operation.
Specifications
Parameter
Value
Input Power
15 VDC
Power supply
110/240 VAC
Max. Output Current UVDRIVE-50
50 +/- 15mA
Max. Output Current UVDRIVE-80
80 +/- 15mA
Max. Output Current UVDRIVE-180
180 +/- 15mA
Operating Temperature
+10 … +30 °C
Storage Temperature
-20 … +50 °C
Dimensions
145x83x65 mm³
Operation


Similar Part No. - UVDRIVE

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVD-322 UOT-UVD-322 Datasheet
72Kb / 5P
0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-323 UOT-UVD-323 Datasheet
72Kb / 5P
0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-432XC UOT-UVD-432XC Datasheet
69Kb / 5P
0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-482XC UOT-UVD-482XC Datasheet
69Kb / 5P
0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
More results

Similar Description - UVDRIVE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8161F TOSHIBA-TA8161F Datasheet
333Kb / 8P
DC/DC CONVERTER SYSTEM IC FOR POWER SUPPLY
logo
Rhombus Industries Inc.
L-487 RHOMBUS-IND-L-487 Datasheet
41Kb / 1P
Common Mode Inductor For DC/DC Power supply
01/08/01
L-521 RHOMBUS-IND-L-521 Datasheet
51Kb / 1P
Common Mode Inductor For DC/DC Power supply
9/23/99
L-522 RHOMBUS-IND-L-522 Datasheet
40Kb / 1P
Common Mode Inductor For DC/DC Power supply
11/20/02
L-667 RHOMBUS-IND-L-667 Datasheet
47Kb / 2P
Common Mode Inductor For DC/DC Power supply
01/08/01
L-668 RHOMBUS-IND-L-668 Datasheet
50Kb / 1P
Common Mode Inductor For DC/DC Power supply
01/08/01
L-669 RHOMBUS-IND-L-669 Datasheet
50Kb / 1P
Common Mode Inductor For DC/DC Power supply
01/08/01
L-670 RHOMBUS-IND-L-670 Datasheet
42Kb / 1P
Common Mode Inductor For DC/DC Power supply
11/08/01
L-1028V RHOMBUS-IND-L-1028V Datasheet
46Kb / 1P
Common Mode Inductor For DC/DC Power supply
02/28/02
logo
Wall Industries,Inc.
PSSUU100 WALL-PSSUU100 Datasheet
100Kb / 2P
AC/DC Power Supply for I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com