Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5258BRMZ50-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5258BRMZ50-R7
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ50-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5258BRMZ50-R7 Datasheet HTML 11Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 12Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 13Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 14Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 15Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 16Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 17Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 18Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD5258
Rev. D | Page 15 of 24
I2C INTERFACE
Note that the wiper’s default value prior to programming the
EEPROM is midscale.
The master initiates a data transfer by establishing a start con-
dition when a high-to-low transition on the SDA line occurs
while SCL is high (see Figure 3). The next byte is the slave
address byte, which consists of the slave address (first seven bits)
followed by an R/W bit (see Table 6). When the R/W bit is high,
the master reads from the slave device. When the R/W bit is
low, the master writes to the slave device.
The slave address of the part is determined by two configurable
address pins, AD0 and AD1. The state of these two pins is regis-
tered upon power-up and decoded into a corresponding I2C
7-bit address (see Table 5). The slave address corresponding to
the transmitted address bits responds by pulling the SDA line
low during the ninth clock pulse (this is termed the slave
acknowledge bit).
At this stage, all other devices on the bus remain idle while the
selected device waits for data to be written to or read from its
serial register.
WRITING
In the write mode, the last bit (R/W) of the slave address byte is
logic low. The second byte is the instruction byte. The first three
bits of the instruction byte are the command bits (see Table 6).
The user must choose whether to write to the RDAC register or
EEPROM register or to activate the software write protect (see
Table 7 to Table 10). The final five bits are all zeros (see Table 13
and Table 14). The slave again responds by pulling the SDA line
low during the ninth clock pulse.
The final byte is the data byte MSB first. Don’t cares can be
left either high or low. In the case of the write protect mode,
data is not stored; rather, a logic high in the LSB enables write
protect. Likewise, a logic low disables write protect. The slave
again responds by pulling the SDA line low during the ninth
clock pulse.
STORING/RESTORING
In this mode, only the address and instruction bytes are nec-
essary. The last bit (R/W) of the address byte is logic low. The
first three bits of the instruction byte are the command bits
(see Table 6). The two choices are transfer data from RDAC-
to-EEPROM (store) or from EEPROM-to-RDAC (restore).
The final five bits are all zeros (see Table 13 and Table 14). In
addition, users should issue an NOP command immediately
after restoring the EEMEM setting to RDAC, thereby mini-
mizing supply current dissipation.
READING
Assuming the register of interest was not just written to, it is
necessary to write a dummy address and instruction byte. The
instruction byte will vary depending on whether the data that
is wanted is the RDAC register, EEPROM register, or tolerance
register (see Table 11 to Table 16).
After the dummy address and instruction bytes are sent, a repeat
start is necessary. After the repeat start, another address byte is
needed, except this time the R/W bit is logic high. Following
this address byte is the readback byte containing the informa-
tion requested in the instruction byte. Read bits appear on the
negative edges of the clock. Don’t cares may be in either a high
or low state.
The tolerance register can be read back individually (see
Table 15) or consecutively (see Table 16). Refer to the Read
Modes section for detailed information on the interpretation
of the tolerance bytes.
After all data bits have been read or written, a stop condition is
established by the master. A stop condition is defined as a low-
to-high transition on the SDA line while SCL is high. In write
mode, the master pulls the SDA line high during the 10th clock
pulse to establish a stop condition (see Table 8). In read mode,
the master issues a no acknowledge for the ninth clock pulse
(that is, the SDA line remains high). The master then brings the
SDA line low before the 10th clock pulse and raises SDA high to
establish a stop condition (see Table 11).
A repeated write function provides the user with the flexibility
of updating the RDAC output multiple times after addressing
and instructing the part only once. For example, after the RDAC
has acknowledged its slave address and instruction bytes in the
write mode, the RDAC output is updated on each successive
byte until a stop condition is received. If different instructions
are needed, the write/read mode must restart with a new slave
address, instruction, and data byte. Similarly, a repeated read
function of the RDAC is also allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com