Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5337ARMZ1 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5337ARMZ1
Description  2.5 V to 5.5 V, 250 muA, 2-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5337ARMZ1 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5337ARMZ1 Datasheet HTML 12Page - Analog Devices AD5337ARMZ1 Datasheet HTML 13Page - Analog Devices AD5337ARMZ1 Datasheet HTML 14Page - Analog Devices AD5337ARMZ1 Datasheet HTML 15Page - Analog Devices AD5337ARMZ1 Datasheet HTML 16Page - Analog Devices AD5337ARMZ1 Datasheet HTML 17Page - Analog Devices AD5337ARMZ1 Datasheet HTML 18Page - Analog Devices AD5337ARMZ1 Datasheet HTML 19Page - Analog Devices AD5337ARMZ1 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD5337/AD5338/AD5339
Rev. C | Page 16 of 28
SERIAL INTERFACE
The AD5337/AD5338/AD5339 are controlled via an I2C®-
compatible serial bus. The DACs are connected to this bus as
slave devices, that is, no clock is generated by the AD5337/
AD5338/AD5339 DACs. This interface is SMBus compatible
at VDD < 3.6 V.
The AD5337/AD5338/AD5339 have a 7-bit slave address. The
six MSBs are 000110, and the LSB is determined by the state of
the A0 pin. The facility of making hardwired changes to A0
allows the use of one or two of these devices on one bus. The
AD5338-1 has a unique 7-bit slave address. The six MSBs are
010001, and the LSB is determined by the state of the A0 pin.
Using a combination of AD5338 and AD5338-1 allows the user
to accommodate four of these dual 10-bit devices (eight
channels) on the same bus.
The 2-wire serial bus protocol operates as follows:
1.
The master initiates data transfer by establishing a start
condition when a high-to-low transition on the SDA line
occurs while SCL is high. The following byte is the address
byte, which consists of the 7-bit slave address, followed by
an R/W bit. (This bit determines whether data is read from
or written to the slave device.)
The slave with the address corresponding to the transmitted
address responds by pulling SDA low during the ninth
clock pulse (this is termed the acknowledge bit). At this
stage, all other devices on the bus remain idle while the
selected device waits for data to be written to or read from
its shift register.
2.
Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits, followed by an acknowledge
bit). The transitions on the SDA line must occur during the
low period of SCL and remain stable during the high period
of SCL.
3.
When all data bits have been read from or written to, a stop
condition is established. In write mode, the master pulls
the SDA line high during the 10th clock pulse to establish a
stop condition. In read mode, the master issues a No
Acknowledge for the ninth clock pulse, that is, the SDA
line remains high. The master then brings the SDA line low
before the 10th clock pulse and high during the 10th clock
pulse to establish a stop condition.
Read/Write Sequence
For the AD5337/AD5338/AD5339, all write access sequences
and most read sequences begin with the device address (with
R/W = 0), followed by the pointer byte. This pointer byte specifies
which DAC is being accessed in the subsequent read/write
operation (see Figure 31). In a write operation, the data follows
immediately. In a read operation, the address is resent with
R/W = 1, and then the data is read back. However, it is also
possible to perform a read operation by sending only the
address with R/W = 1. The previously loaded pointer settings
are then used for the readback operation. See Figure 32 for a
graphical explanation of the interface.
0
X
X
LSB
MSB
0
DACB DACA
00
Figure 31. Pointer Byte
Table 6 explains the individual bits that make up the pointer byte.
Table 6. Pointer Byte Bits
Pointer Byte Bit
Description
X
Don’t care bits.
0
This bit is reserved and must be set to 0
DACB
1: The following data bytes are for DAC B.
DACA
1: The following data bytes are for DAC A.
Input Shift Register
The input shift register is 16 bits wide. Data is loaded into the
device as two data bytes on the serial data line, SDA, under the
control of the serial clock input, SCL. The timing diagram for this
operation is shown in Figure 2. The two data bytes consist of four
control bits followed by 8, 10, or 12 bits of DAC data, depending
on the device type. The first two bits loaded are Bit PD1 and
Bit PD0, which control the mode of operation of the device.
See the Power-Down Modes section for a complete description.
Bit 13 is CLR, Bit 12 is LDAC, and the remaining bits are left-
justified DAC data bits, starting with the MSB (see Figure 32).
Table 7. Input Shift Register
Register
Setting
Result
CLR
0
All DAC registers and input registers are
filled with 0s on completion of the write
sequence.
1
Normal operation.
LDAC
0
The two DAC registers and, therefore, all
DAC outputs, simultaneously updated on
completion of the write sequence.
1
Addressed input register only is updated.
There is no change in the contents of the
DAC registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com