Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7111TE/883B Datasheet(PDF) 2 Page - Analog Devices

Part # AD7111TE/883B
Description  LC2MOS LOGDAC Logarithmic D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7111TE/883B Datasheet(HTML) 2 Page - Analog Devices

  AD7111TE/883B Datasheet HTML 1Page - Analog Devices AD7111TE/883B Datasheet HTML 2Page - Analog Devices AD7111TE/883B Datasheet HTML 3Page - Analog Devices AD7111TE/883B Datasheet HTML 4Page - Analog Devices AD7111TE/883B Datasheet HTML 5Page - Analog Devices AD7111TE/883B Datasheet HTML 6Page - Analog Devices AD7111TE/883B Datasheet HTML 7Page - Analog Devices AD7111TE/883B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD7111L/C/U Grades
AD7111K/B/T Grades
Parameter
TA = +25 CTA = TMIN, TMAX
TA = +25 CTA = TMIN, TMAX
Units
Conditions/Comments
NOMINAL RESOLUTION
0.375
0.375
0.375
0.375
dB
ACCURACY RELATIVE TO
0 dB ATTENUATION
0.375 dB Steps:
Accuracy
≤ ± 0.17 dB
0 to 36
0 to 36
0 to 30
0 to 30
dB min
Guaranteed Attenuation Ranges
Monotonic
0 to 54
0 to 54
0 to 48
0 to 48
dB min
for Specified Step Sizes
0.75 dB Steps:
Accuracy
≤ ± 0.35 dB
0 to 48
0 to 42
0 to 42
0 to 36
dB min
Monotonic
0 to 72
0 to 66
0 to 72
0 to 60
dB min
1.5 dB Steps:
Accuracy
≤ ±0.7 dB
0 to 54
0 to 48
0 to 42
0 to 42
dB min
Full Range Is from 0 dB
Monotonic
Full Range
0 to 78
0 to 85.5
0 to 72
dB min
to 88.5 dB
3.0 dB Steps:
Accuracy
≤ ±1.4 dB
0 to 66
0 to 54
0 to 60
0 to 48
dB min
Monotonic
Full Range
Full Range
Full Range
Full Range
dB min
6.0 dB Steps:
Accuracy
≤ ±2.7 dB
0 to 72
0 to 60
0 to 60
0 to 48
dB min
Monotonic
Full Range
Full Range
Full Range
Full Range
dB min
GAIN ERROR
±0.1
±0.15
± 0.15
± 0.20
dB max
VIN INPUT RESISTANCE
9/11/15
9/11/15
7/11/18
7/11/18
k
Ω min/typ/max
RFB INPUT RESISTANCE
9.3/11.5/15.7 9.3/11.5/15.7
7.3/11.5/18.8 7.3/11.5/18.8
k
Ω min/typ/max
DIGITAL INPUTS
VIH (Input High Voltage)
2.4
2.4
2.4
2.4
V min
VIL (Input Low Voltage)
0.8
0.8
0.8
0.8
V max
Input Leakage Current
±1
±10
± 1
± 10
µA max
Digital Inputs = VDD
SWITCHING CHARACTERISTICS
1
tCS
0
0
0
0
ns min
Chip Select to Write Setup Time
tCH
0
0
0
0
ns min
Chip Select to Write Hold Time
tWR
350
500
350
500
ns min
Write Pulse Width
tDS
175
250
175
250
ns min
Data Valid to Write Setup Time
tDH
10
10
10
10
ns min
Data Valid to Write Hold Time
tRFSH
3
4.5
3
4.5
µs min
Refresh Time
POWER SUPPLY
VDD
+5
+5
+5
+5
V
IDD
1
4
1
4
mA max
Digital Inputs = VIL or VIH
500
1000
500
1000
µA max
Digital Inputs = 0 V or VDD;
See Figure 6
NOTE
1Sample tested at +25
°C to ensure compliance.
Specifications subject to change without notice.
AD7111–ELECTRICAL CHARACTERISTICS
REV. 0
–2–
AD7111/AD7111A–SPECIFICATIONS
(VDD = +5 V, VIN = –10 V dc, IOUT = AGND = DGND = O V output amplifier
AD711 except where noted)
AC PERFORMANCE CHARACTERISTICS These characteristics are included for design guidance only and are not subject
to test. VDD = +5 V, VIN = –10 V dc except where noted, IOUT = AGND = DGND = O V, output amplifier AD711 except where noted.
AD7111L/C/U Grades
AD7111K/B/T Grades
Parameter
TA = +25 CTA = TMIN, TMAX
TA = +25 CTA = TMIN, TMAX Units
Conditions/Comments
DC Supply Rejection,
∆Gain/∆V
DD
0.001
0.005
0.001
0.005
dB per % max
∆V
DD = ± 10%, Input Code = 00000000
Propagation Delay
3.0
4.5
3.0
4.5
µs max
Full-Scale Change Measured from
WR
Going High, CS = 0 V
Digital-to-Analog Glitch Impulse
100
100
nV secs typ
Measured with AD843 as Output
Amplifier for Code Transition
10000000 to 00000000
C1 of Figure 1 is 0 pF
Output Capacitance, Pin 1
185
185
185
185
pF max
Input Capacitance, Pin 15 and Pin 16
7
7
7
7
pF max
Feedthrough at 1 kHz
–94
–72
–94
–68
dB max
Total Harmonic Distortion
–91
–91
–91
–91
dB typ
VIN = 6 V rms at 1 kHz
Output Noise Voltage Density
70
70
70
70
nV/
√Hz max
Includes AD711 Amplifier Noise
Digital Input Capacitance
7
7
7
7
pF max
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com