Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7910ARM Datasheet(PDF) 13 Page - Analog Devices

Part # AD7910ARM
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARM Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7910ARM Datasheet HTML 9Page - Analog Devices AD7910ARM Datasheet HTML 10Page - Analog Devices AD7910ARM Datasheet HTML 11Page - Analog Devices AD7910ARM Datasheet HTML 12Page - Analog Devices AD7910ARM Datasheet HTML 13Page - Analog Devices AD7910ARM Datasheet HTML 14Page - Analog Devices AD7910ARM Datasheet HTML 15Page - Analog Devices AD7910ARM Datasheet HTML 16Page - Analog Devices AD7910ARM Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7910/AD7920
Rev. C | Page 13 of 24
CIRCUIT INFORMATION
The AD7910/AD7920 are fast, micropower, 10-bit/12-bit,
single-supply A/D converters, respectively. The parts can be
operated from a 2.35 V to 5.25 V supply. When operated from
either a 5 V supply or a 3 V supply, the AD7910/AD7920 are
capable of throughput rates of 250 kSPS when provided with a
5 MHz clock.
The AD7910/AD7920 provide the user with an on-chip track-
and-hold, A/D converter, and a serial interface housed in a tiny
6-lead SC70 package or 8-lead MSOP package, which offers the
user considerable space saving advantages over alternative
solutions.
The serial clock input accesses data from the part but also
provides the clock source for the successive approximation A/D
converter. The analog input range is 0 V to VDD. An external
reference is not required for the ADC and there is no reference
on-chip. The reference for the AD7910/AD7920 is derived from
the power supply and thus gives the widest dynamic input
range.
The AD7910/AD7920 also feature a power-down option to
allow power saving between conversions. The power-down
feature is implemented across the standard serial interface, as
described in the Modes of Operation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com