Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8361ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8361ARMZ
Description  LF to 2.5 GHz TruPwr Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8361ARMZ Datasheet HTML 15Page - Analog Devices AD8361ARMZ Datasheet HTML 16Page - Analog Devices AD8361ARMZ Datasheet HTML 17Page - Analog Devices AD8361ARMZ Datasheet HTML 18Page - Analog Devices AD8361ARMZ Datasheet HTML 19Page - Analog Devices AD8361ARMZ Datasheet HTML 20Page - Analog Devices AD8361ARMZ Datasheet HTML 21Page - Analog Devices AD8361ARMZ Datasheet HTML 22Page - Analog Devices AD8361ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8361
Rev. C | Page 19 of 24
One of the AD8361s (U2) has a net gain of about 14 dB
preceding it and therefore operates most accurately at low input
signal levels. This is referred to as the weak signal path. U4, on
the other hand, does not have the added gain and provides
accurate response at high levels. The output of U2 is attenuated
by R1 in order to cancel the effect of U2’s preceding gain so that
the slope of the transfer function (as seen at the slider of R1) is
the same as that of U4 by itself.
2.5 GHz. However, it is necessary to calibrate for a given
application to accommodate for the change in conversion gain
at higher frequencies.
Dynamic Range Extension for the AD8361
The accurate measurement range of the AD8361 is limited by
internal dc offsets for small input signals and by square law
conformance errors for large signals. The measurement range
may be extended by using two devices operating at different
signal levels and then choosing only the output of the device
that provides accurate results at the prevailing input level.
The circuit comprising U3, U5, and U6 is a crossfader, in which
the relative gains of the two inputs are determined by the output
currents of a fuzzy comparator made from Q1 and Q2.
Assuming that the slider of R2 is at 2.5 V dc, the fuzzy
comparator commands full weighting of the weak signal path
when the output of U2 is below about 2.0 V dc, and full
weighting of the strong signal path when the output of U3
exceeds about 3.0 V dc. U3 and U5 are OTAs (operational
transconductance amplifiers).
Figure 60 depicts an implementation of this idea. In this circuit,
the selection of the output is made gradually over an input level
range of about 3 dB in order to minimize the impact of
imperfect matching of the transfer functions of the two
AD8361s. Such a mismatch typically arises because of the
variation of the gain of the RF preamplifier U1 and both the
gain and slope variations of the AD8361s with temperature.
8
7
6
5
1
2
3
4
AD8361
0.1
µF
5V
100pF
5V
0.01
µF
68
Ω
U2
ERA-3
20dB
U1
RFC
270
Ω
12V
6dB
PAD
6dB
SPLITTER
RF
INPUT
12V
20k
Ω
1k
Ω
1k
Ω
5V
R2
10k
Ω
Q2
2N3906
Q1
2N3906
16k
Ω
R1
5k
Ω
CA3080
+12V
–5V
U3
20k
Ω
CA3080
+12V
–5V
U5
2
3
5
6
2
3
5
6
20k
Ω
1M
Ω
R3
10k
Ω
–5V
+5V
12k
Ω
8
7
6
5
1
2
3
4
AD8361
0.1
µF
5V
100pF
5V
0.01
µF
68
Ω
U4
AD820
5V
U6
2
3
8.2nF
4
7
6
VOUT
100
Ω
Figure 60. Range Extender Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com