Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD6150 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MSD6150
Description  Dual Diode Common Anode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSD6150 Datasheet(HTML) 2 Page - Motorola, Inc

  MSD6150 Datasheet HTML 1Page - Motorola, Inc MSD6150 Datasheet HTML 2Page - Motorola, Inc MSD6150 Datasheet HTML 3Page - Motorola, Inc MSD6150 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSD6150
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL CHARACTERISTICS
100
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.2
10
1.0
0.1
TA = 85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
10
20
30
40
50
1.75
0
VR, REVERSE VOLTAGE (VOLTS)
1.5
1.25
1.0
0.75
24
6
8
Figure 1. Forward Voltage
Figure 2. Leakage Current
Figure 3. Capacitance
TA = – 40°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C
Curves Applicable to Each Cathode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com